Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1511 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1511
Description  Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1511 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1511_15 Datasheet HTML 4Page - Linear Technology LT1511_15 Datasheet HTML 5Page - Linear Technology LT1511_15 Datasheet HTML 6Page - Linear Technology LT1511_15 Datasheet HTML 7Page - Linear Technology LT1511_15 Datasheet HTML 8Page - Linear Technology LT1511_15 Datasheet HTML 9Page - Linear Technology LT1511_15 Datasheet HTML 10Page - Linear Technology LT1511_15 Datasheet HTML 11Page - Linear Technology LT1511_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1511
TEST CIRCUITS
Test Circuit 1
VREF
≈ 0.65V
VBAT
VC
CA2
+
+
CA1
+
300
20k
1k
1k
RS1
10
BAT
SENSE
SPIN
1511 • TC01
PROG
RPROG
0.047
µF
LT1511
1
µF
60k
LT1006
+
RS2
200
RS3
200
VREF
2.465V
+
VA
+
10k
10k
OVP
1511 • TC02
IPROG
RPROG
LT1511
PROG
LT1013
0.47
µF
OPERATION
The LT1511 is a current mode PWM step-down (buck)
switcher. The battery DC charging current is programmed
by a resistor RPROG (or a DAC output current) at the PROG
pin (see Block Diagram). Amplifier CA1 converts the
charging current through RS1 to a much lower current
IPROG fed into the PROG pin. Amplifier CA2 compares the
output of CA1 with the programmed current and drives the
PWM loop to force them to be equal. High DC accuracy is
achieved with averaging capacitor CPROG. Note that IPROG
has both AC and DC components. IPROG goes through R1
and generates a ramp signal that is fed to the PWM control
comparator C1 through buffer B1 and level shift resistors
R2 and R3, forming the current mode inner loop. The
Boost pin drives the switch NPN QSW into saturation and
reduces power loss. For batteries like lithium-ion that
require both constant-current and constant-voltage charg-
ing, the 0.5%, 2.465V reference and the amplifier VA
reduce the charging current when battery voltage reaches
the preset level. For NiMH and NiCd, VA can be used for
overvoltage protection. When input voltage is not present,
the charger goes into low current (3
µA typically) sleep
mode as input drops down to 0.7V below battery voltage.
To shut down the charger, simply pull the VC pin low with
a transistor.
Test Circuit 2


Similar Part No. - LT1511_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1511CSW LINER-LT1511CSW Datasheet
145Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1511ISW LINER-LT1511ISW Datasheet
145Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
More results

Similar Description - LT1511_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1769 LINER-LT1769_15 Datasheet
242Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
logo
Linear Integrated Syste...
LT1769CFE LINEAR-LT1769CFE Datasheet
219Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
logo
Linear Technology
LT1769 LINER-LT1769 Datasheet
214Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com