Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1765 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1765
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1765_15 Datasheet HTML 2Page - Linear Technology LT1765_15 Datasheet HTML 3Page - Linear Technology LT1765_15 Datasheet HTML 4Page - Linear Technology LT1765_15 Datasheet HTML 5Page - Linear Technology LT1765_15 Datasheet HTML 6Page - Linear Technology LT1765_15 Datasheet HTML 7Page - Linear Technology LT1765_15 Datasheet HTML 8Page - Linear Technology LT1765_15 Datasheet HTML 9Page - Linear Technology LT1765_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
6
1765fd
PIN FUNCTIONS
FB: The feedback pin is used to set output voltage using
an external voltage divider (adjustable version) that gener-
ates 1.2V at the pin when connected to the desired output
voltage. The fixed voltage 1.8V, 2.5V, 3.3V and 5V versions
have the divider network included internally and the FB pin
is connected directly to the output. If required, the current
limit can be reduced during start up or short-circuit when
the FB pin is below 0.5V (see the Current Limit Foldback
graph in the Typical Performance Characteristics section).
An impedance of less than 5kΩ on the adjustable version
at the FB pin is needed for this feature to operate.
BOOST: The BOOST pin is used to provide a drive voltage,
higher than the input voltage, to the internal bipolar NPN
power switch.
VIN: This is the collector of the on-chip power NPN switch.
This pin powers the internal circuitry and internal regulator.
At NPN switch on and off, high di/dt edges occur on this
pin. Keep the external bypass capacitor and catch diode
close to this pin. All trace inductance on this path will
create a voltage spike at switch off, adding to the VCE volt-
age across the internal NPN. Both VIN pins of the TSSOP
package must be shorted together on the PC board.
GND: The GND pin acts as the reference for the regulated
output, so load regulation will suffer if the “ground” end of
the load is not at the same voltage as the GND pin of the
IC. This condition will occur when load current or other
currents flow through metal paths between the GND pin
and the load ground point. Keep the ground path short
between the GND pin and the load and use a ground plane
when possible. Keep the path between the input bypass
and the GND pin short. The exposed GND pad and/or GND
pins of the package are directly attached to the internal
tab. These pins/pad should be attached to a large copper
area to reduce thermal resistance.
VSW: The switch pin is the emitter of the on-chip power
NPN switch. This pin is driven up to the input pin voltage
during switch on time. Inductor current drives the switch
pin negative during switch off time. Negative voltage must
be clamped with an external catch diode with a VBR <0.8V.
Both VSW pins of the TSSOP package must be shorted
together on the PC board.
SYNC: The sync pin is used to synchronize the internal
oscillator to an external signal. It is directly logic compat-
ible and can be driven with any signal between 20% and
80% duty cycle. The synchronizing range is from 1.6MHz
to 2MHz. See Synchronization section in Applications
Information for details. When not in use, this pin should
be grounded.
SHDN: The shutdown pin is used to turn off the regula-
tor and to reduce input drain current to a few microam-
peres. The 1.33V threshold can function as an accurate
undervoltage lockout (UVLO), preventing the regulator
from operating until the input voltage has reached a pre-
determined level. Float or pull high to put the regulator in
the operating mode.
VC: The VC pin is the output of the error amplifier and the
input of the peak switch current comparator. It is normally
used for frequency compensation, but can do double duty
as a current clamp or control loop override. This pin sits
at about 0.4V for very light loads and 0.9V at maximum
load. It can be driven to ground to shut off the output.


Similar Part No. - LT1765_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765-1.8 LINER-LT1765-1.8 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-1.8 LINER-LT1765-1.8_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results

Similar Description - LT1765_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765EFE-5 LINER-LT1765EFE-5 Datasheet
195Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-1.8 LINER-LT1765-1.8_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-2.5 LINER-LT1765-2.5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-3.3 LINER-LT1765-3.3_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com