Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR20A200CTB Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR20A200CTB
Description  SUPER BARRIER RECTIFIER 20A SBR짰
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20A200CTB Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR20A200CTB Datasheet HTML 1Page - Diodes Incorporated SBR20A200CTB Datasheet HTML 2Page - Diodes Incorporated SBR20A200CTB Datasheet HTML 3Page - Diodes Incorporated SBR20A200CTB Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBR20A200CTB
Document number: DS31076 Rev. 7 - 2
1 of 4
www.diodes.com
July 2011
© Diodes Incorporated
SBR20A200CTB
SBR is a registered trademark of Diodes Incorporated.
20A SBR
®
SUPER BARRIER RECTIFIER
Features
Low Forward Voltage Drop
Low Leakage Current
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
175ºC Operating Junction Temperature
Lead Free Finish, RoHS Compliant (Note 1)
Also Available in Green Molding Compound (Note 2)
Mechanical Data
Case: D
2Pak
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 1.6 grams (approximate)
Ordering Information (Notes 2 & 3)
Part Number
Case
Packaging
SBR20A200CTB
D
2Pak
50 pieces/tube
SBR20A200CTB-G
D
2Pak
50 pieces/tube
SBR20A200CTB-13
D
2Pak
800/Tape & Reel
SBR20A200CTB-13-G
D
2Pak
800/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
2. For Green Molding Compound version part numbers, add "-G" suffix to part number above. Examples: SBR20A200CTB-G.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Package Pin Out
Configuration
t
Anode
Common
Cathode
Anode
SBR20A200CTB = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 07 = 2007)
WW = Week (01 - 53)
YYWW
AB
20A200CTB
SBR


Similar Part No. - SBR20A200CTB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A200CTB DIODES-SBR20A200CTB Datasheet
268Kb / 3P
   Super Barrier Rectifier
SBR20A200CTB Rev. 2 - 2
SBR20A200CTB-13 DIODES-SBR20A200CTB-13 Datasheet
268Kb / 3P
   Super Barrier Rectifier
SBR20A200CTB Rev. 2 - 2
More results

Similar Description - SBR20A200CTB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20100CTP DIODES-SBR20100CTP_15 Datasheet
91Kb / 4P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100 DIODES-SBR20A100_15 Datasheet
134Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A120 DIODES-SBR20A120_15 Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A60CTBQ DIODES-SBR20A60CTBQ_15 Datasheet
199Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20150CT DIODES-SBR20150CT_15 Datasheet
202Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A40CT DIODES-SBR20A40CT_08 Datasheet
165Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30963 Rev. 3 - 2
SBR2045CT DIODES-SBR2045CT_08 Datasheet
173Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30958 Rev. 5 - 2
SBR20A300CT DIODES-SBR20A300CT_08 Datasheet
169Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30993 Rev. 4 - 2
SBR2040 DIODES-SBR2040_15 Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100CTB DIODES-SBR20A100CTB_15 Datasheet
314Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com