Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-8CN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1164-8CN
Description  Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-8CN Datasheet(HTML) 1 Page - Linear Technology

  LTC1164-8CN Datasheet HTML 1Page - Linear Technology LTC1164-8CN Datasheet HTML 2Page - Linear Technology LTC1164-8CN Datasheet HTML 3Page - Linear Technology LTC1164-8CN Datasheet HTML 4Page - Linear Technology LTC1164-8CN Datasheet HTML 5Page - Linear Technology LTC1164-8CN Datasheet HTML 6Page - Linear Technology LTC1164-8CN Datasheet HTML 7Page - Linear Technology LTC1164-8CN Datasheet HTML 8Page - Linear Technology LTC1164-8CN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1164-8
Ultraselective, Low Power
8th Order Elliptic Bandpass Filter
with Adjustable Gain
FEATURES
s
Ultraselectivity
(50dB Attenuation at
±4% of Center Frequency)
s
Adjustable Passband Gain
s
Noise Independent of Gain
s
Filter Noise: 270
µVRMS, VS = Single 5V Supply
s
Clock-Tunable (Center Frequency = fCLK/100)
s
Center Frequencies up to 5kHz, VS = ±5V
(Typical ISUPPLY = 3.2mA)
s
Center Frequencies up to 4kHz, VS = Single 5V Supply
(Typical ISUPPLY = 2.3mA)
DESCRIPTION
The LTC
®1164-8 is a monolithic ultraselective, 8th order,
elliptic bandpass filter. The passband of the LTC1164-8 is
tuned with an external clock and the clock-to-center fre-
quency ratio is 100:1. The – 3dB pass bandwidth is typi-
cally 1% of the filter center frequency. The stopband
attenuation of the LTC1164-8 is greater than 50dB. The
lower and upper stopband frequencies are less than
0.96 • center frequency and greater than 1.04 • center
frequency, respectively.
The LTC1164-8 requires an external op amp and two
external resistors (see the circuit below). The filter’s gain
at center frequency is set by the ratio RIN/RF. For a gain
equal to one and an optimum dynamic range, RF should be
set to 61.9k and RIN should be 340k. For gains other than
one, RIN = 340k/Gain. Gains up to 1000 are obtainable.
Setting the filter’s gain with input resistor RIN does not
increase the filter’s wideband noise. The 270
µVRMS
wideband noise of the LTC1164-8 is independent of the
filter’s center frequency.
The LTC1164-8 is available in a 14-pin PDIP or a 16-pin
surface mount SO Wide package.
TYPICAL APPLICATION
Frequency Response
Ultranarrow 1kHz Bandpass Filter with Gain = 10
Gain = 340k/RIN, 1/(2π • RF • CF) ≥ 10 • Center Frequency
LTC1164-8
–5V
–5V
5V
2
3
4
6
7
VOUT
LTC1164-8 • TA01
5V
VIN
RIN
34k
100kHz
SHORT CONNECTION UNDER IC AND
SHIELDED BY A GROUND PLANE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RF
61.9k
CF
200pF
+
LT
®1006
FREQUENCY (kHz)
0.90
30
20
10
0
–10
–20
–30
–40
–50
–60
–70
1.10
1164-8 TA02
0.95
1.00
1.05
1.15
50dB
APPLICATIONS
s
Asynchronous Narrowband Signal Detectors
s
Low Frequency Asynchronous Demodulators
s
Handheld Spectrum Analyzers
s
In-Band Tone Signaling Detectors
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1164-8CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-8 LINER-LTC1164-8 Datasheet
366Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8 LINER-LTC1164-8_09 Datasheet
361Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8 LINER-LTC1164-8_15 Datasheet
366Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
More results

Similar Description - LTC1164-8CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-8 LINER-LTC1164-8_09 Datasheet
361Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8 LINER-LTC1164-8_15 Datasheet
366Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com