Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1165CN8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1165CN8
Description  Triple 1.8V to 6V High-Side MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1165CN8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1165CN8 Datasheet HTML 1Page - Linear Technology LTC1165CN8 Datasheet HTML 2Page - Linear Technology LTC1165CN8 Datasheet HTML 3Page - Linear Technology LTC1165CN8 Datasheet HTML 4Page - Linear Technology LTC1165CN8 Datasheet HTML 5Page - Linear Technology LTC1165CN8 Datasheet HTML 6Page - Linear Technology LTC1165CN8 Datasheet HTML 7Page - Linear Technology LTC1165CN8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1163/LTC1165
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
PI FU CTIO S
Input Pins
The LTC1163 is noninverting; i.e., the MOSFET gate is
driven above the supply when the input pin is held high.
The LTC1165 is inverting and drives the MOSFET gate high
when the input pin is held low. The inverting inputs of the
LTC1165 allow P-channel switches to be replaced by
lower resistance/cost N-channel switches while maintain-
ing system drive polarity.
The LTC1163/LTC1165 logic inputs are high impedance
CMOS gates with ESD protection diodes to ground and
therefore should not be forced below ground. The inputs
can however, be driven above the power supply rail as
there are no clamping diodes connected between the input
pins and supply pin. This facilitates operation in mixed
5V/3V systems.
Output Pins
The output pin is either driven to ground when the switch
is turned OFF or driven above the supply rail when the
switch is turned ON. The output is clamped to about 14V
above ground by a built-in Zener clamp. This pin has a
relatively high impedance when driven above the rail (the
equivalent of a few hundred k
Ω). Care should be taken to
minimize any loading of this pin by parasitic resistance to
ground or supply.
Supply Pin
A 150
Ω resistor should be inserted in series with the
ground pin or supply pin if negative supply voltage tran-
sients are anticipated. This will limit the current flowing
from the power source into the LTC1163/LTC1165 to tens
of milliamps during reverse battery conditions.
OPERATIO
The LTC1163/LTC1165 are triple micropower MOSFET
drivers designed for operation over the 1.8V to 6V supply
range and include the following functional blocks:
3V Logic Compatible Inputs
The LTC1163/LTC1165 inputs have been designed to
accommodate a wide range of 3V and 5V logic families.
The input threshold voltage is set at roughly 50% of the
supply voltage and approximately 200mV of input hyster-
esis is provided to ensure clean switching.
The input enables all of the following circuit blocks: the
bias generator, the high frequency oscillator and gate
charge pump. Therefore, when the input is turned off, the
entire circuit powers down and the supply current drops
below 1
µA.
Standby Supply Current
TEMPERATURE (°C)
0
5
4
3
2
1
0
–1
10
20
30
40
LTC1163/65 • TPC07
50
60
70
MOSFET Gate Drive Current
GATE VOLTAGE ABOVE SUPPLY (V)
1
10
100
1000
04
6
8
0.1
2
10
LTC1163/65 • TPC09
VS = 5V
VS = 3.3V
VS = 2.2V
VS = 1.8V
TA = 25°C
Supply Current per Driver ON
TEMPERATURE (°C)
0
300
250
200
150
100
50
0
10
20
30
40
LTC1163/65 • TPC08
50
60
70
VS = 5V
VS = 3.3V
VS = 1.8V


Similar Part No. - LTC1165CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1165 LINER-LTC1165 Datasheet
214Kb / 8P
   Triple 1.8V to 6V High-Side MOSFET Drivers
LTC1165 LINER-LTC1165_15 Datasheet
214Kb / 8P
   Triple 1.8V to 6V High-Side MOSFET Drivers
More results

Similar Description - LTC1165CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1163 LINER-LTC1163_15 Datasheet
214Kb / 8P
   Triple 1.8V to 6V High-Side MOSFET Drivers
LTC1165 LINER-LTC1165_15 Datasheet
214Kb / 8P
   Triple 1.8V to 6V High-Side MOSFET Drivers
logo
Maxim Integrated Produc...
MAX620 MAXIM-MAX620 Datasheet
392Kb / 12P
   Quad, High-Side MOSFET Drivers
Rev 2; 10/94
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380_08 Datasheet
255Kb / 18P
   Triple high-side MOSFET driver
L9380 STMICROELECTRONICS-L9380 Datasheet
197Kb / 12P
   TRIPLE HIGH-SIDE MOSFET DRIVER
logo
Hitachi Semiconductor
HD74ALVC2G07 HITACHI-HD74ALVC2G07 Datasheet
56Kb / 10P
   Triple Buffers / Drivers
logo
Intersil Corporation
ISL58315 INTERSIL-ISL58315 Datasheet
89Kb / 2P
   High Speed Triple Laser Diode Drivers
logo
Renesas Technology Corp
ISL58315 RENESAS-ISL58315 Datasheet
200Kb / 2P
   High Speed Triple Laser Diode Drivers
September 30, 2011
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
   12A Peak Low-Side MOSFET Drivers
09/14/21
logo
ON Semiconductor
NCP81071 ONSEMI-NCP81071 Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com