Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR20A300CTFP Datasheet(PDF) 5 Page - Diodes Incorporated

Part # SBR20A300CTFP
Description  SUPER BARRIER RECTIFIER 20A SBR짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20A300CTFP Datasheet(HTML) 5 Page - Diodes Incorporated

  SBR20A300CTFP Datasheet HTML 1Page - Diodes Incorporated SBR20A300CTFP Datasheet HTML 2Page - Diodes Incorporated SBR20A300CTFP Datasheet HTML 3Page - Diodes Incorporated SBR20A300CTFP Datasheet HTML 4Page - Diodes Incorporated SBR20A300CTFP Datasheet HTML 5Page - Diodes Incorporated SBR20A300CTFP Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR20A300
Document number: DS30993 Rev. 8 - 2
5 of 6
www.diodes.com
January 2014
© Diodes Incorporated
SBR20A300CT
SBR20A300CTB
SBR20A300CTFP
A
A1
c
D
E
b
e1
b2
P
H1
Q
L1
A2
e
D1
*Guaranteed by TO-220AB leadframe design
E
D
b2
b
e
c2
A
H
See Detail B
7°±1°
c
E1
D1
A1
Gauge Plane
L
L3
a
Detail B
Seating
Plane
L2
L1
12
K
Package Outline Dimensions (Cont.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
TO-220AB
Dim Min
Typ
Max
A
3.56
-
4.82
A1
0.51
-
1.39
A2
2.04
-
2.92
b
0.39 0.81 1.01
b2
1.15 1.24 1.77
c
0.356
-
0.61
D
14.22
-
16.51
D1
8.39
-
9.01
e
2.54
e1
5.08
E
9.66
-
10.66
H1
5.85
-
6.85
L
12.70
-
14.73
L1
-
-
6.35
P
3.54
-
4.08
Q
2.54
-
3.42
All Dimensions in mm
TO263
Dim
Min
Max
A
4.07
4.82
A1
0.00
0.25
b
0.51
0.99
b2
1.15
1.77
c
0.356
0.73
c2
1.143
1.65
D
8.39
9.65
D1
6.55
E
9.66
10.66
E1
6.23
e
2.54 Typ
H
14.61
15.87
L
1.78
2.79
L1
1.67
L2

1.77
a
All Dimensions in mm


Similar Part No. - SBR20A300CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A300CTFP DIODES-SBR20A300CTFP Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A300 Rev. 2
SBR20A300CTFP DIODES-SBR20A300CTFP Datasheet
169Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30993 Rev. 4 - 2
SBR20A300CTFP DIODES-SBR20A300CTFP Datasheet
390Kb / 7P
   SUPER BARRIER RECTIFIER
SBR20A300CTFP-G DIODES-SBR20A300CTFP-G Datasheet
390Kb / 7P
   SUPER BARRIER RECTIFIER
SBR20A300CTFP-JT-G DIODES-SBR20A300CTFP-JT-G Datasheet
390Kb / 7P
   SUPER BARRIER RECTIFIER
More results

Similar Description - SBR20A300CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20100CTP DIODES-SBR20100CTP_15 Datasheet
91Kb / 4P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100 DIODES-SBR20A100_15 Datasheet
134Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A120 DIODES-SBR20A120_15 Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A60CTBQ DIODES-SBR20A60CTBQ_15 Datasheet
199Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20150CT DIODES-SBR20150CT_15 Datasheet
202Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A40CT DIODES-SBR20A40CT_08 Datasheet
165Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30963 Rev. 3 - 2
SBR2045CT DIODES-SBR2045CT_08 Datasheet
173Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30958 Rev. 5 - 2
SBR20A300CT DIODES-SBR20A300CT_08 Datasheet
169Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30993 Rev. 4 - 2
SBR2040 DIODES-SBR2040_15 Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100CTB DIODES-SBR20A100CTB_15 Datasheet
314Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com