Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR20U100CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR20U100CT
Description  SUPER BARRIER RECTIFIER 20A SBR짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20U100CT Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR20U100CT Datasheet HTML 1Page - Diodes Incorporated SBR20U100CT Datasheet HTML 2Page - Diodes Incorporated SBR20U100CT Datasheet HTML 3Page - Diodes Incorporated SBR20U100CT Datasheet HTML 4Page - Diodes Incorporated SBR20U100CT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR20U100
Document number: DS30978 Rev. 9 - 2
3 of 5
www.diodes.com
March 2013
© Diodes Incorporated
SBR20U100CT
SBR20U100CTB
SBR20U100CTFP
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
Figure 1 Forward Power Dissipation
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
T = 150°C
A
0
100
200
300
400
500
600
700
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Figure 2 Typical Forward Characteristics
F
1
10
100
0.1
0.01
1
10
100
1,000
10,000
100,000
0
204060
80
100
Figure 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0
2
4
6
8
10
12
14
25
50
75
100
125
150
175
Figure 4 Forward Current Derating Curve
T , AMBIENT TEMPERATURE ( C)
A
°
0
102030 40 50
60
70
80 90 100
Figure 5 Operating Temperature Derating
V , DC REVERSE VOLTAGE (V)
R
0
25
50
75
100
125
150
200
175


Similar Part No. - SBR20U100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U100CT DIODES-SBR20U100CT Datasheet
189Kb / 4P
   20A SBR Super Barrier Rectifier
SBR20U100 Rev. 2
logo
Inchange Semiconductor ...
SBR20U100CT ISC-SBR20U100CT Datasheet
293Kb / 2P
   Schottky Barrier Rectifier
logo
Diodes Incorporated
SBR20U100CTE DIODES-SBR20U100CTE Datasheet
83Kb / 4P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U100CTE-G DIODES-SBR20U100CTE-G Datasheet
83Kb / 4P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U100CTE DIODES-SBR20U100CTE_15 Datasheet
83Kb / 4P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results

Similar Description - SBR20U100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20100CTP DIODES-SBR20100CTP_15 Datasheet
91Kb / 4P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100 DIODES-SBR20A100_15 Datasheet
134Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A120 DIODES-SBR20A120_15 Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A60CTBQ DIODES-SBR20A60CTBQ_15 Datasheet
199Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20150CT DIODES-SBR20150CT_15 Datasheet
202Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A40CT DIODES-SBR20A40CT_08 Datasheet
165Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30963 Rev. 3 - 2
SBR2045CT DIODES-SBR2045CT_08 Datasheet
173Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30958 Rev. 5 - 2
SBR20A300CT DIODES-SBR20A300CT_08 Datasheet
169Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30993 Rev. 4 - 2
SBR2040 DIODES-SBR2040_15 Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100CTB DIODES-SBR20A100CTB_15 Datasheet
314Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com