Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3504 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3504
Description  Quad 40V/1A Step-Down Switching Regulator with 100 Duty Cycle Operation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3504 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3504_15 Datasheet HTML 7Page - Linear Technology LT3504_15 Datasheet HTML 8Page - Linear Technology LT3504_15 Datasheet HTML 9Page - Linear Technology LT3504_15 Datasheet HTML 10Page - Linear Technology LT3504_15 Datasheet HTML 11Page - Linear Technology LT3504_15 Datasheet HTML 12Page - Linear Technology LT3504_15 Datasheet HTML 13Page - Linear Technology LT3504_15 Datasheet HTML 14Page - Linear Technology LT3504_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3504
11
3504fa
For more information www.linear.com/LT3504
applicaTions inForMaTion
Frequency Selection
The maximum frequency that the LT3504 can be pro-
grammedtois2.5MHz.Theminimumfrequencyis250kHz.
The switching frequency can be programmed in two ways.
The first method is by tying a 1% resistor (RT) from the
RT/SYNC pin to ground. Table 1 can be used to select the
value of RT. The second method is to synchronize (sync)
the internal oscillator to an external clock. The external
clock must have a minimum amplitude from 0V to 1.6V
and a minimum pulse-width of 50ns.
Table 1. RT/SYNC Pin Resistance to Program Oscillator
Frequency
FREQUENCY (MHz)
RT/SYNC PIN RESISTANCE (kΩ)
0.20
140
0.3
82.5
0.4
56.2
0.5
43.2
0.6
34.8
0.7
28.0
0.8
23.7
0.9
20.5
1.0
18.2
1.1
16.9
1.2
14.7
1.3
13.0
1.4
11.5
1.5
10.7
1.6
9.76
1.7
8.66
1.8
8.06
1.9
7.32
2.0
6.81
2.1
6.34
2.2
6.04
2.3
5.62
2.4
5.36
2.5
4.99
In certain applications, the LT3504 may be required to be
alive and switching for a period of time before it begins
to receive a sync signal. If the sync signal is in a high
impedance state when it is inactive then the solution is to
Figure 2. Driving the RT/SYNC Pin From
a Port That Is in a High Impedance State
When it Is Inactive
Figure 3. Driving the RT/SYNC Pin from
a Port That Is in a Low Impedance State
When it Is Inactive
simply tie an RT resistor from the RT/SYNC pin to ground
(Figure 2). The sync signal should be capable of driving the
RT resistor. If the sync signal is in a low impedance state
or an unknown state when it is inactive, then the solution
is to tie the RT resistor from the RT/SYNC pin to ground
and then to drive the RT/SYNC pin with the sync signal
through a 1nF capacitor as shown in Figure 3.
3504 F02
PORT
GND
LT3504
RT/SYNC
RT
3504 F03
PORT
1nF
GND
LT3504
RT/SYNC
RT
BOOST Regulator and SKY Pin Considerations
The on-chip boost regulator generates the SKY voltage
to be 4.85V above VIN. The SKY voltage is the source of
drive current for the buck regulators which is used to fully
saturate the power switch. The boost regulator requires
two external components: an inductor and a capacitor.
A good first choice for an inductor is given by:
L =
20.5µH
f
where f is in MHz.
Thus, for a 250kHz programmed switching frequency,
a good first choice for an inductor value is 82µH. For a
2.5MHz programmed switching frequency, a good first


Similar Part No. - LT3504_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3504 LINER-LT3504 Datasheet
564Kb / 6P
   The demo circuit 1207A is a quad current mode PWM stepdown DC/DC converter featuring the LT짰3504
More results

Similar Description - LT3504_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3514 LINER-LT3514_15 Datasheet
476Kb / 26P
   Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
LT3514 LINER-LT3514 Datasheet
330Kb / 6P
   Triple Step-Down Switching Regulator with 100% Duty Cycle Operation
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430 Datasheet
160Kb / 9P
   Duty Cycle Step-Down Synchronous Regulator
June, 2015 ??Rev. P3
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com