Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1197L Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1197L
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1197L Datasheet(HTML) 2 Page - Linear Technology

  LTC1197L Datasheet HTML 1Page - Linear Technology LTC1197L Datasheet HTML 2Page - Linear Technology LTC1197L Datasheet HTML 3Page - Linear Technology LTC1197L Datasheet HTML 4Page - Linear Technology LTC1197L Datasheet HTML 5Page - Linear Technology LTC1197L Datasheet HTML 6Page - Linear Technology LTC1197L Datasheet HTML 7Page - Linear Technology LTC1197L Datasheet HTML 8Page - Linear Technology LTC1197L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1197/LTC1197L
LTC1199/LTC1199L
A
G
A
U
A
R
BSOLUTEXI
TI
S
Operating Temperature Range
LTC1197C/LTC1197LC
LTC1199C/LTC1199LC ........................... 0
°C to 70°C
LTC1197I/LTC1197LI
LTC1199I/LTC1199LI ........................ – 45
°C to 85°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
Supply Voltage (VCC) ............................................... 12V
Voltage
Analog Input ..................... GND – 0.3V to VCC + 0.3V
Digital Input ................................ GND – 0.3V to 12V
Digital Output .................... GND – 0.3V to VCC + 0.3V
Power Dissipation .............................................. 500mW
Storage Temperature Range ................. – 65
°C to 150°C
(Notes 1, 2)
RECO
E DED OPERATI G CO DITIO S
LTC1197
LTC1199
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
4
9
4
6
V
VCC = 5V Operation
fCLK
Clock Frequency
q
0.05
7.2
0.05
7.2
MHz
tCYC
Total Cycle Time
14
16
CLK
tSMPL
Analog Input Sampling Time
1.5
1.5
CLK
thCS
Hold Time CS Low After Last CLK
13
13
ns
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
MS8 PART MARKING
S8 PART MARKING
1197L
1197LI
1197
1197I
LTC1197CS8
LTC1197IS8
LTC1197LCS8
LTC1197LIS8
ORDER PART
NUMBER
LTC1197LCMS8
LTBL
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
CS
+IN
– IN
GND
VCC
CLK
DOUT
VREF
ORDER PART
NUMBER
MS8 PART MARKING
S8 PART MARKING
1199L
1199LI
1199
1199I
LTC1199CS8
LTC1199IS8
LTC1199LCS8
LTC1199LIS8
ORDER PART
NUMBER
LTC1199LCMS8
LTCM
TJMAX = 150°C, θJA = 210°C/W
1
2
3
4
CS
+IN
–IN
GND
8
7
6
5
VCC
CLK
DOUT
VREF
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
1
2
3
4
CS
CH0
CH1
GND
8
7
6
5
VCC
CLK
DOUT
DIN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 210°C/W
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
CS
CH0
CH1
GND
VCC
CLK
DOUT
DIN
Consult factory for Military grade parts.


Similar Part No. - LTC1197L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197L LINER-LTC1197L Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197LCMS8 LINER-LTC1197LCMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197LCS8 LINER-LTC1197LCS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197LIMS8 LINER-LTC1197LIMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197LIS8 LINER-LTC1197LIS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
More results

Similar Description - LTC1197L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197L LINER-LTC1197L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199 LINER-LTC1199_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199CMS8 LINER-LTC1199CMS8 Datasheet
289Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199L LINER-LTC1199L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com