Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA4739 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA4739
Description  1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA4739 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  1SMA4739 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA4739 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA4739 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA4739 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMA4739 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1SMA4739 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Min
Max
Min
Max
A
1.27
1.58
0.050
0.062
B
4.06
4.60
0.160
0.181
C
2.29
2.83
0.090
0.111
D
1.99
2.50
0.078
0.098
E
0.90
1.41
0.035
0.056
F
4.95
5.33
0.195
0.210
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N =
Device Marking Code
G =
Green Compound
YW =
Date Code
F =
Factory Code
Document Number: DS_D1409041
Version: N15
E5.45
MARKING DIAGRAM
1SMA4737 - 1SMA200Z
Taiwan Semiconductor
1.68
B1.52
C3.93
0.215
D2.41
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
DO-214AC (SMA)
Unit (inch)
0.066
0.060
0.155
0.095
A


Similar Part No. - 1SMA4739

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
1SMA4739 CDIL-1SMA4739 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4739 PANJIT-1SMA4739 Datasheet
522Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMA4739 PANJIT-1SMA4739 Datasheet
438Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4739 TSC-1SMA4739 Datasheet
511Kb / 4P
   1.25 Watts Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMA4739 PANJIT-1SMA4739 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA4739

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1PGSMA4740 TSC-1PGSMA4740 Datasheet
350Kb / 6P
   1W, 10V - 200V Surface Mount Silicon Zener Diode
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
   1W SURFACE MOUNT ZENER DIODES
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
GOOD-ARK Electronics
F1N4728 GOOD-ARK-F1N4728_15 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_15 Datasheet
217Kb / 7P
   1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
GOOD-ARK Electronics
L1N4738 GOOD-ARK-L1N4738_15 Datasheet
193Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com