Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1603 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1603
Description  High Speed, 16-Bit, 250ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1603 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1603_15 Datasheet HTML 7Page - Linear Technology LTC1603_15 Datasheet HTML 8Page - Linear Technology LTC1603_15 Datasheet HTML 9Page - Linear Technology LTC1603_15 Datasheet HTML 10Page - Linear Technology LTC1603_15 Datasheet HTML 11Page - Linear Technology LTC1603_15 Datasheet HTML 12Page - Linear Technology LTC1603_15 Datasheet HTML 13Page - Linear Technology LTC1603_15 Datasheet HTML 14Page - Linear Technology LTC1603_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1603f
11
LTC1603
APPLICATIONS INFORMATION
RD = CONVST
CS = 0
BUSY
1603 F08
tCONV
t6
DATA (N – 1)
D5 TO D0
DATA
DATA N
D15 TO D0
DATA (N + 1)
D15 TO D0
DATA N
D15 TO D0
t11
t8
t10
t7
RD = CONVST
BUSY
CS = 0
1603 F09
tCONV
t6
DATA (N – 1)
D15 TO D0
DATA
DATA N
D15 TO D0
t10
t11
t8
Figure 8. Mode 2. Slow Memory Mode Timing
Figure 9. ROM Mode Timing
three-state until read by the MPU with the RD signal. Mode
2 can be used for operation with a shared data bus.
In slow memory and ROM modes (Figures 8 and 9) CS is
tied low and CONVST and RD are tied together. The MPU
starts the conversion and reads the output with the com-
bined CONVST-RD signal. Conversions are started by the
MPU or DSP (no external sample clock is needed).
In slow memory mode the processor applies a logic low to
RD (= CONVST), starting the conversion. BUSY goes low,
forcing the processor into a wait state. The previous
conversion result appears on the data outputs. When the
conversion is complete, the new conversion results
appear on the data outputs; BUSY goes high, releasing the
processor and the processor takes RD (= CONVST) back
high and reads the new conversion data.
In ROM mode, the processor takes RD (= CONVST) low,
starting a conversion and reading the previous conversion
result. After the conversion is complete, the processor can
read the new result and initiate another conversion.
DIFFERENTIAL ANALOG INPUTS
Driving the Analog Inputs
The differential analog inputs of the LTC1603 are easy to
drive. The inputs may be driven differentially or as a single-
ended input (i.e., the AIN– input is grounded). The AIN+ and
AIN– inputs are sampled at the same instant. Any un-
wanted signal that is common mode to both inputs will be
reduced by the common mode rejection of the sample-
and-hold circuit. The inputs draw only one small current
spike while charging the sample-and-hold capacitors at
the end of conversion. During conversion the analog
inputs draw only a small leakage current. If the source
impedance of the driving circuit is low, then the LTC1603
inputs can be driven directly. As source impedance in-
creases so will acquisition time (see Figure 10). For
minimum acquisition time with high source impedance, a
buffer amplifier should be used. The only requirement is
that the amplifier driving the analog input(s) must settle
after the small current spike before the next conversion


Similar Part No. - LTC1603_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1603CG LINER-LTC1603CG Datasheet
250Kb / 20P
   High Speed, 16-Bit, 250ksps Sampling A/D Converter with Shutdown
LTC1603IG LINER-LTC1603IG Datasheet
250Kb / 20P
   High Speed, 16-Bit, 250ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1603_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1603 LINER-LTC1603 Datasheet
250Kb / 20P
   High Speed, 16-Bit, 250ksps Sampling A/D Converter with Shutdown
LTC1608 LINER-LTC1608 Datasheet
1,000Kb / 20P
   High Speed, 16-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1604 LINER-LTC1604 Datasheet
378Kb / 20P
   High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
LTC1608 LINER-LTC1608_15 Datasheet
802Kb / 20P
   High Speed, 16-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1604 LINER-LTC1604_15 Datasheet
578Kb / 20P
   High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com