Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA4762 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA4762
Description  1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA4762 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1SMA4762 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA4762 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA4762 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA4762 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMA4762 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1SMA4762 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CREAT BY ART
- Built-in strain relief
- Ideal for automated placement
- Glass passivated junction
- Low inductance
- Typical IR less than 1μA above 11V
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part No. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
PD
Watts
PD
Watts
PZSM
Watts
TJ
°C
TSTG
°C
PART NO.
Note 1: "xxxx" defines voltage from 7.5V (1SMA4737) to 200V (1SMA200Z)
PART NO.
Document Number: DS_D1409041
Version: N15
Note 1: Non Repetitive Peak surge PD Test Condition: tp=100μs sq. pulse, TA=25°C prior to surge
Operating junction temperature range
A
Case:
DO-214AC (SMA)
DO-214AC (SMA)
1
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
Non repetitive peak power dissipation (Note 1)
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
VALUE
Storage temperature range
- 55 to +175
60
- 55 to +175
Polarity:
Indicated by cathode band
Weight:
0.06 g (approximately)
1.25
60
Power dissipation, RTHJA<30K/W, TA=60°C
Power dissipation, RTHJA<100K/W, TA=25°C
1SMA4737 - 1SMA200Z
1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
FEATURES
Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
H
R3
G
SMA
1,800 / 7" Plastic reel
R2
SMA
7,500 / 13" Paper reel
M2
SMA
7,500 / 13" Plastic reel
F3
Folded SMA
1,800 / 7" Plastic reel
F2
Folded SMA
7,500 / 13" Paper reel
F4
Folded SMA
7,500 / 13" Plastic reel
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
1SMAxxxx
(Note 1)
AEC-Q101 qualified
Green compound
1SMA4737HR3G
1SMA4737
H
R3
G


Similar Part No. - 1SMA4762

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4762 TRSYS-1SMA4762 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Thinki Semiconductor Co...
1SMA4762 THINKISEMI-1SMA4762 Datasheet
648Kb / 5P
   1.0 Watt Surface Mount Type Silicon Zener Diodes (3.3Volt thru 100Volt)
logo
Taiwan Semiconductor Co...
1SMA4762 TSC-1SMA4762 Datasheet
166Kb / 5P
   Surface Mount Silicon Zener Diode
logo
Microdiode Electronics ...
1SMA4762 CHENDA-1SMA4762 Datasheet
923Kb / 4P
   Glass passivated junction
logo
Taiwan Semiconductor Co...
1SMA4762 TSC-1SMA4762 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
More results

Similar Description - 1SMA4762

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1PGSMA4740 TSC-1PGSMA4740 Datasheet
350Kb / 6P
   1W, 10V - 200V Surface Mount Silicon Zener Diode
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
   1W SURFACE MOUNT ZENER DIODES
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
GOOD-ARK Electronics
F1N4728 GOOD-ARK-F1N4728_15 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_15 Datasheet
217Kb / 7P
   1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
GOOD-ARK Electronics
L1N4738 GOOD-ARK-L1N4738_15 Datasheet
193Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com