Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA4763 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA4763
Description  1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA4763 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1SMA4763 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA4763 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA4763 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA4763 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMA4763 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1SMA4763 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: DS_D1409041
Version: N15
1SMA4737 - 1SMA200Z
Taiwan Semiconductor
10
100
1000
1
10
100
Vz, FORWARD VOLTAGE (V)
FIG.6 TYPICAL CAPACITANCE versus Vz
50% OF BREAKDOWN
0V BIAS
1.0V BIAS
-4
-2
0
2
4
6
8
10
12
2
34567
89
10
11
12
Vz, ZENER VOLTAGE(V)
FIG. 7 TEMPERATURE COEFFICIENTS
a-RANGE FOR UNITS TO 12 VOLTS
RANGE Vz@ IZT
1
10
100
10
100
Vz, ZENER VOLTAGE(V)
FIG.8 TEMPERATURE COEFFICIENTS
RANGE Vz@ IZT
b-RANGE FOR UNITS 12 TO 100 VOLTS
-4
-2
0
2
4
6
33.544.555.5
6
6.5
7
7.5
8
Vz, ZENER VOLTAGE(V)
FIG. 9 EFFECT OF ZENER CURRENT
NOTE:BELOW 3 VOLTAGE ABOVE a
VOLTS CHANGES IN ZENER CURRENT
NOT AFFECT TEMPERATURE
Vz@ IZT
0.01mA
1 mA
20mA
1
10
100
0.01
0.1
1
10
100
1000
PW, PULSE WIDTH (ms)
FIG.10 MAXIMUM SURGE POWER
20% DUTY CYCLE
11V-91V NON-REPETITIVE
10% DUTY CYCLE
5% DUTY CYCLE
0.8V-10V NON-REPETITIVE
RECTANGULAR WAVEFORM
TA=25°C PRIOR TO INITIAL PULSE


Similar Part No. - 1SMA4763

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4763 TRSYS-1SMA4763 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Microdiode Electronics ...
1SMA4763 CHENDA-1SMA4763 Datasheet
923Kb / 4P
   Glass passivated junction
logo
Taiwan Semiconductor Co...
1SMA4763 TSC-1SMA4763 Datasheet
166Kb / 5P
   Surface Mount Silicon Zener Diode
logo
Sangdest Microelectroni...
1SMA4763 SMC-1SMA4763 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4763 TSC-1SMA4763 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
More results

Similar Description - 1SMA4763

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1PGSMA4740 TSC-1PGSMA4740 Datasheet
350Kb / 6P
   1W, 10V - 200V Surface Mount Silicon Zener Diode
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
   1W SURFACE MOUNT ZENER DIODES
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
GOOD-ARK Electronics
F1N4728 GOOD-ARK-F1N4728_15 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_15 Datasheet
217Kb / 7P
   1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
GOOD-ARK Electronics
L1N4738 GOOD-ARK-L1N4738_15 Datasheet
193Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com