Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC337-16-B0A1G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BC337-16-B0A1G
Description  NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC337-16-B0A1G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC337-16-B0A1G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC337-16-B0A1G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC337-16-B0A1G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC337-16-B0A1G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC337-16-B0A1G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Moisture sensitivity level 1
- Driver transistor
- Pb free and RoHS complian
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
- Case: TO-92 small outline plastic package
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
- Weight: 190 mg (approximately)
SYMBOL
UNIT
PTOT
mW
IC
mA
ICM
mA
TJ , TSTG
°C
SYMBOL
UNIT
Collector Base Cutoff Current
VCB=50V
VCB=30V
VCE(sat)
V
VBE(on)
V
fT
MHz
Cob
pF
VCE= 5V,
IC= 300mA
Document Number: DS_S1407004
60
V
hFE
-
ICBO
-
100
Current Gain Group: -16
-25
-40
DC Current Gain
-0.7
Base Emitter On Voltage
-
Collector Emitter Saturation Voltage
BC337
BC338
BC337
BC338
- These types are subdivided into three groups -16, -25 and -40, according to their current gain
BC337
nA
Transition Frequency
100
-
VCE=1V, IC=300mA
VCE=5V, IC=10mA,
f=50MHz
V
V
Collector-Emitter Breakdown Voltage
IC= 2mA
VCB=10V, f=1MHz
- For switching and AF amplifier applications
Taiwan Semiconductor
VALUE
Small Signal Product
NPN Transistor
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
TO-92
PARAMETER
BC337-16/25/40 thru BC338-16/25/40
MECHANICAL DATA
BC338
FEATURES
Total Power dissipation
625
VCBO
Collector-Base Voltage
V
V
1000
45
25
Collector-Emitter Voltage
Emitter-Base Voltage
VCEO
Peak Collector Current
Collector Current
25
BC337
BC337
BC338
BC337
BC338
V
V
50
30
45
Junction and Storage Temperature Range
800
-55 to +150
5
5
VEBO
PARAMETER
Collector-Base Breakdown Voltage
IC= 100μA
50
30
Output Capacitance
V(BR)CBO
Emitter-Base Breakdown Voltage
5
5
V(BR)CEO
V(BR)EBO
BC337
BC338
-
Version: B14
VCE= 5V,
IC= 100mA
1.2
IC=500mA, IB=50mA
BC338
400
630
160
250
MIN
-
12
100
MAX
-
-
-
100
250
IE= 100μA


Similar Part No. - BC337-16-B0A1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337-16 MOTOROLA-BC337-16 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
SHENZHEN YONGERJIA INDU...
BC337-16 WINNERJOIN-BC337-16 Datasheet
128Kb / 1P
   TRANSISTOR (NPN)
logo
NXP Semiconductors
BC337-16 PHILIPS-BC337-16 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Guangdong Kexin Industr...
BC337-16 KEXIN-BC337-16 Datasheet
888Kb / 2P
   NPN Transistors
logo
Siemens Semiconductor G...
BC337-16 SIEMENS-BC337-16 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
More results

Similar Description - BC337-16-B0A1G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com