Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807-16 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BC807-16
Description  0.3 Watts, PNP Plastic-Encasulate Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC807-16 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BC807-16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC807-16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC807-16 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC807-16 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC807-16 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIMENSIONS
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
SUGGEST PAD LAYOUT
A
B
C
D
Document Number: DS_S1404007
Small Signal Product
Version: F14
2.0
0.079
BC807-16/-25/-40
DIM.
0.95
0.9
Unit (mm)
Taiwan Semiconductor
Unit (mm)
Unit (inch)
0.55 REF
0.022 REF
0.1 REF
0.004 REF
0.031
0.8
Unit (inch)
DIM.
Typ.
0.037
0.035
Typ.
B
A
C
D
G
F
E


Similar Part No. - BC807-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807-16 PHILIPS-BC807-16 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Micro Commercial Compon...
BC807-16 MCC-BC807-16 Datasheet
331Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Taiwan Semiconductor Co...
BC807-16 TSC-BC807-16 Datasheet
83Kb / 2P
   0.3 Watts PNP Plastic-Encapsulate Transistors
logo
Allied Components Inter...
BC807-16 ALLIED-BC807-16 Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Transys Electronics
BC807-16 TRSYS-BC807-16 Datasheet
303Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - BC807-16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BC807 TSC-BC807 Datasheet
221Kb / 3P
   0.3 Watts, PNP Plastic-Encasulate Transistor
BC807-16 TSC-BC807-16_12 Datasheet
340Kb / 2P
   0.3 Walts, PNP Plastic-Encasulate Transistor
BC807-16 TSC-BC807-16 Datasheet
83Kb / 2P
   0.3 Watts PNP Plastic-Encapsulate Transistors
BC856A TSC-BC856A Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
MMBT3906 TSC-MMBT3906 Datasheet
303Kb / 3P
   30.3 Watts PNP Plastic-Encapsulate Transistors
logo
Motorola, Inc
MJE3439 MOTOROLA-MJE3439 Datasheet
100Kb / 4P
   0.3 AMPERE POWER TRANSISTOR NPN SILICON 350 VOLTS 15 WATTS
logo
Microsemi Corporation
23A003 MICROSEMI-23A003 Datasheet
127Kb / 4P
   0.3 Watts, 15 Volts, Class A
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com