Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846CW Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BC846CW
Description  NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC846CW Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BC846CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC846CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC846CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC846CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC846CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BC846CW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC846AW - BC850CW
Taiwan Semiconductor
Small Signal Product
Document Number: DS_S1502002
Version: B15
10
100
1000
0.1
1
10
100
1000
IC, Collector Current (mA)
Fig.12 Current-Gain-Bandwidth Product
VCE = 5 V
0.1
1
10
0.1
1
10
100
1000
IC, Collector Current(mA)
Fig.7 DC Collector Current (mA)
VCE = 5 V
0
0.2
0.4
0.6
0.8
1
0.1
1
10
100
1000
IC, Collector Current (mA)
Fig. 8 "On" Voltage
VBE(sat) @ IC / IB = 10
VBE(OFF) @ VCE = 10 V
VCE(sat) @ IC / IB = 10
0.0
0.4
0.8
1.2
1.6
2.0
0.01
0.1
1
10
100
IB, Base Current (mA)
Fig.9 Collector Saturation Region
IC=200mA
IC=100mA
IC=50mA
IC=20mA
IC=10mA
-3
-2.6
-2.2
-1.8
-1.4
-1
0.1
1
10
100
1000
IC, Collector Current (mA)
Fig.4 Bae-Emitter Temperature Coefficient
-55oC to +125OC
ΘVB for VBE
1
10
100
0.1
1
10
100
VR, Reverse Voltage (V)
Fig.11 Capacitance
Clb
COb


Similar Part No. - BC846CW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC846CW DIODES-BC846CW Datasheet
47Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 3 - 2
logo
Weitron Technology
BC846CW WEITRON-BC846CW Datasheet
198Kb / 4P
   General Purpose Transistor NPN Silicon
logo
Taiwan Semiconductor Co...
BC846CW TSC-BC846CW Datasheet
334Kb / 5P
   NPN Transistor
logo
FutureWafer Tech Co.,Lt...
BC846CW FUTUREWAFER-BC846CW Datasheet
1Mb / 13P
   NPN Silicon Epitaxial General Purpose Transistors
logo
Goodwork Semiconductor ...
BC846CW GWSEMI-BC846CW Datasheet
446Kb / 5P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - BC846CW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com