Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C2V7 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52C2V7
Description  5% Tolerance SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C2V7 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZT52C2V7 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C2V7 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C2V7 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52C2V7 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52C2V7 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Wide zener voltage range selection : 2.4V to 75V
- Surface Mount Device Type
- Moisture sensitivity level 1
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
- VZ Tolerance Selection of ±5%
- Matte Tin(Sn) lead finish
MECHANICAL DATA
- Case: Flat lead SOD-123F small outline plastic package
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by cathode band
- Weight : 8.85 ± 0.5mg
VF
V
PD
mW
RθJA
oC/W
TJ, TSTG
oC
Zener I vs. V Characteristics
VBR
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
Document Number: DS_S1408004
Version: F14
BZT52C2V4 thru BZT52C75
Taiwan Semiconductor
Small Signal Product
5% Tolerance SMD Zener Diode
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
SOD-123F
Forward Voltage
@ IF = 10mA
1
Power Dissipation
500
Thermal Resistance from Junction to Ambient
(Note 1)
350
: Voltage at current IZT
Junction and Storage Temperature Range
-65 to +150
Note 1: Valid provided that electrodes are kept at ambient temperature.
: Voltage at IZM
: Voltage at IZK


Similar Part No. - BZT52C2V7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C2V7 DIODES-BZT52C2V7 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V7 WINNERJOIN-BZT52C2V7 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
BZT52C2V7 SECOS-BZT52C2V7 Datasheet
184Kb / 4P
   Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V7 BILIN-BZT52C2V7 Datasheet
203Kb / 5P
   Surface mount zener diode
logo
First Components Intern...
BZT52C2V7 FCI-BZT52C2V7 Datasheet
136Kb / 2P
   1/2 Watt ZEBER DIODES Planar Die Construction
More results

Similar Description - BZT52C2V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4_14 Datasheet
237Kb / 5P
   5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com