Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1257C Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1257C
Description  Complete Single Supply 12-Bit Voltage Output DAC in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1257C Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1257C Datasheet HTML 4Page - Linear Technology LTC1257C Datasheet HTML 5Page - Linear Technology LTC1257C Datasheet HTML 6Page - Linear Technology LTC1257C Datasheet HTML 7Page - Linear Technology LTC1257C Datasheet HTML 8Page - Linear Technology LTC1257C Datasheet HTML 9Page - Linear Technology LTC1257C Datasheet HTML 10Page - Linear Technology LTC1257C Datasheet HTML 11Page - Linear Technology LTC1257C Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1257
OPERATIO
Serial Interface
The data on the DIN input is loaded into the shift register
on the rising edge of the clock. The MSB is loaded first and
the LSB last. The DAC register loads the data from the shift
register when LOAD is pulled low, and remains transpar-
ent until LOAD is pulled high and the data is latched.
An internal 5V regulator provides the supply for the digital
logic. By limiting the internal digital signal swings to 5V,
digital noise is reduced. The buffered output of the 12-bit
shift register is available on the DOUT pin which will swing
from GND to VCC.
Multiple LTC1257s may be daisy chained together by
connecting the DOUT pin to the DIN pin of the next chip,
while the clock and load signals remain common to all
chips in the daisy chain. The serial data is clocked to all of
the chips, then the LOAD signal is pulled low to update all
of them simultaneously. The maximum clocking rate is
1.4MHz.
Reference
The LTC1257 includes an internal 2.048V reference, mak-
ing 1LSB equal to 500
µV. The internal reference output is
turned off when the pin is forced above the reference
voltage, allowing an external reference to be connected to
the reference pin. The external reference must be greater
than 2.475V and less than VCC – 2.7V, and be capable of
driving the 10k minimum DAC resistor ladder.
If the reference output is driving a large capacitive load, a
series resistor must be added to insure stability. For any
capacitive load greater than 1
µF, a 10Ω series resistor will
suffice.
Voltage Output
The LTC1257 voltage output is able to pull within 2.7V of
VCC while sourcing 2mA. A internal NMOS transistor with
a 200
Ω equivalent impedance pulls the output to ground.
The output is protected against short circuits and is able
to drive up to a 500pF capacitive load without oscillation.
If digital noise on the output causes a problem, a simple
100
Ω, 0.1µF RC circuit can be used to filter the noise.
DAC with External Reference
S
APPLICATI
TYPICAL
Filtering VREF and VOUT
0.1
µF
0.1
µF
1
µF
VCC
VCC
VREF
GND
VOUT
VOUT
DIN
CLK
LOAD
DOUT
LTC1257
1257 TA06
10
5%
100
5%
µP
15V
0.1
µF
CONTROL OUTPUT
VCC
VREF
GND
VOUT
DIN
CLK
LOAD
DOUT
LTC1257
1257 TA03
IN
OUT
GND
LT1021-10


Similar Part No. - LTC1257C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1257CN8 LINER-LTC1257CN8 Datasheet
141Kb / 12P
   Complete Single Supply 12-Bit Voltage Output DAC in SO-8
LTC1257CS8 LINER-LTC1257CS8 Datasheet
141Kb / 12P
   Complete Single Supply 12-Bit Voltage Output DAC in SO-8
More results

Similar Description - LTC1257C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1257 LINER-LTC1257_15 Datasheet
206Kb / 12P
   Complete Single Supply 12-Bit Voltage Output DAC in SO-8
LTC1257 LINER-LTC1257_01 Datasheet
141Kb / 12P
   Complete Single Supply 12-Bit Voltage Output DAC in SO-8
LTC8043 LINER-LTC8043_15 Datasheet
173Kb / 4P
   Serial 12-Bit Multiplying DAC in SO-8
LTC8043 LINER-LTC8043 Datasheet
175Kb / 4P
   Serial 12-Bit Multiplying DAC in SO-8
logo
Maxim Integrated Produc...
MAX522 MAXIM-MAX522 Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Linear Technology
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404_15 Datasheet
339Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com