Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B12 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52B12
Description  500mW, 2% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52B12 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT52B12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52B12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52B12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52B12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52B12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT52B12 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(Ratings at TA=25
oC ambient temperature unless otherwise specified, and V
F Forward Voltage = 1V Maximum @ IF = 10 mA for all part numbers)
IZT
ZZT @ IZT
ZZk @ Izk
IZK
IR
VR
Min(V) Nom(V) Max(V)
mA
mA
uA
V
BZT52B2V4
2V4B
2.35
2.40
2.45
5
100
564
1
45
1
BZT52B2V7
2V7B
2.65
2.70
2.75
5
100
564
1
18
1
BZT52B3V0
3V0B
2.94
3.00
3.06
5
100
564
1
9
1
BZT52B3V3
3V3B
3.23
3.30
3.37
5
95
564
1
4.5
1
BZT52B3V6
3V6B
3.53
3.60
3.67
5
90
564
1
4.5
1
BZT52B3V9
3V9B
3.82
3.90
3.98
5
90
564
1
2.7
1
BZT52B4V3
4V3B
4.21
4.30
4.39
5
90
564
1
2.7
1
BZT52B4V7
4V7B
4.61
4.70
4.79
5
80
470
1
2.7
2.0
BZT52B5V1
5V1B
5.00
5.10
5.20
5
60
451
1
1.8
2.0
BZT52B5V6
5V6B
5.49
5.60
5.71
5
40
376
1
0.9
2.0
BZT52B6V2
6V2B
6.08
6.20
6.32
5
10
141
1
2.7
4.0
BZT52B6V8
6V8B
6.66
6.80
6.94
5
15
75
1
1.8
4.0
BZT52B7V5
7V5B
7.35
7.50
7.65
5
15
75
1
0.9
5.0
BZT52B8V2
8V2B
8.04
8.20
8.36
5
15
75
1
0.63
5.0
BZT52B9V1
9V1B
8.92
9.10
9.28
5
15
94
1
0.45
6.0
BZT52B10
10VB
9.80
10.00
10.20
5
20
141
1
0.18
7.0
BZT52B11
11VB
10.78
11.00
11.22
5
20
141
1
0.09
8.0
BZT52B12
12VB
11.76
12.00
12.24
5
25
141
1
0.09
8.0
BZT52B13
13VB
12.74
13.00
13.26
5
30
160
1
0.09
8.0
BZT52B15
15VB
14.70
15.00
15.30
5
30
188
1
0.045
10.5
BZT52B16
16VB
15.68
16.00
16.32
5
40
188
1
0.045
11.2
BZT52B18
18VB
17.64
18.00
18.36
5
45
212
1
0.045
12.6
BZT52B20
20VB
19.60
20.00
20.40
5
55
212
1
0.045
14.0
BZT52B22
22VB
21.56
22.00
22.44
5
55
235
1
0.045
15.4
BZT52B24
24VB
23.52
24.00
24.48
5
70
235
1
0.045
16.8
BZT52B27
27VB
26.46
27.00
27.54
2
80
282
0.5
0.045
18.9
BZT52B30
30VB
29.40
30.00
30.60
2
80
282
0.5
0.045
21.0
BZT52B33
33VB
32.34
33.00
33.66
2
80
306
0.5
0.045
23.0
BZT52B36
36VB
35.28
36.00
36.72
2
90
329
0.5
0.045
25.2
BZT52B39
39VB
38.22
39.00
39.78
2
130
329
0.5
0.045
27.3
BZT52B43
43VB
42.14
43.00
43.86
2
150
353
0.5
0.045
30.1
BZT52B47
47VB
46.06
47.00
47.94
2
170
353
0.5
0.045
33.0
BZT52B51
51VB
49.98
51.00
52.02
2
180
376
0.5
0.045
35.7
BZT52B56
56VB
54.88
56.00
57.12
2
200
400
0.5
0.045
39.2
BZT52B62
62VB
60.76
62.00
63.24
2
215
423
0.5
0.045
43.4
BZT52B68
68VB
66.64
68.00
69.36
2
240
447
0.5
0.045
47.6
BZT52B75
75VB
73.50
75.00
76.50
2
255
470
0.5
0.045
52.5
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nomial zener voltage of ±2%.
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
4. The Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current
having an RMS value equal to 10% of the dc zener current is superimposed to IZT or IZK.
Document Number: DS_S1405026
Version: E14
Maximun
Reverse
Current
VZ @ IZT
BZT52B2V4 - BZT52B75
Taiwan Semiconductor
ELECTRICAL CHARACTERISTICS
Device
Type
Marking
code
Zener Voltage Range
Maximun Zener
Impedance
Ohm
Small Signal Product


Similar Part No. - BZT52B12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B12 TSC-BZT52B12 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT52B12 VISHAY-BZT52B12 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Weitron Technology
BZT52B12 WEITRON-BZT52B12 Datasheet
170Kb / 3P
   Surface Mount Zener Diodes
logo
Foshan Blue Rocket Elec...
BZT52B12 FOSHAN-BZT52B12 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Shenzhen Taychipst Elec...
BZT52B12 TAYCHIPST-BZT52B12 Datasheet
2Mb / 3P
   Small Signal Diode
More results

Similar Description - BZT52B12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com