Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT55B7V5 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZT55B7V5
Description  500mW , 2% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55B7V5 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZT55B7V5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55B7V5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55B7V5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT55B7V5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT55B7V5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT55B7V5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PART NO.
PACKING
10K / 13" Reel
2.5K / 7" Reel
PART NO.
BZT55B2V4
BZT55B2V4
BZT55B2V4
Document Number: DS_S1405002
Version: G14
EXAMPLE
PREFERRED P/N
PACKING CODE
MANUFACTURE
CODE
L0
GREEN COMPOUND
CODE
DESCRIPTION
BZT55B2V4 L0G
L0
G
Green compound
BZT55B2V4-L0 L0G
Green compound
(Note 2)
BZT55Bxxx
(Note1)
Note 2: Manufacture special control, if empty means no special control requirement.
L0
L1
Note 1: "xxx" is Device Code from "2V4" thru "75".
Quadro Mini-MELF (Glass Seal)
Quadro Mini-MELF (Glass Seal)
G
G
BZT55B2V4 ~ BZT55B75
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PACKING CODE
GREEN
COMPOUND
PACKAGE
MANUFACTURE
CODE
L0
G
G
Green compound
BZT55B2V4-B0 L0G
B0
L0


Similar Part No. - BZT55B7V5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT55B7V5 TSC-BZT55B7V5 Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55B7V5 VISHAY-BZT55B7V5 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55B7V5 SEMTECH_ELEC-BZT55B7V5 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZT55B7V5 TSC-BZT55B7V5 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT55B7V5 VISHAY-BZT55B7V5 Datasheet
119Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
More results

Similar Description - BZT55B7V5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com