Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B22 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52B22
Description  500mW, 2% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52B22 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZT52B22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52B22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52B22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52B22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52B22 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT52B22 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PART NO.
BZT52Bxxx
(Note2)
PART NO.
BZT52B2V4
BZT52B2V4
BZT52B2V4
Document Number: DS_S1405026
Version: E14
RH
G
SOD-123F
BZT52B2V4-L0 RHG
L0
RH
G
PACKING
3K / 7" Reel
Green compound
GREEN COMPOUND
CODE
DESCRIPTION
RH
G
BZT52B2V4 - BZT52B75
Green compound
MANUFACTURE
CODE
B0
ORDERING INFORMATION
PACKING CODE
PACKING CODE
Green compound
Note1: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
Note2: "xxx" is Device Code from "2V4" thru "75", detail could follow the previous page
BZT52B2V4-B0 RHG
RH
G
BZT52B2V4 RHG
Taiwan Semiconductor
Small Signal Product
PACKAGE
GREEN COMPOUND
CODE
MANUFACTURE
CODE (Note1)


Similar Part No. - BZT52B22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B22 TSC-BZT52B22 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT52B22 VISHAY-BZT52B22 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Weitron Technology
BZT52B22 WEITRON-BZT52B22 Datasheet
170Kb / 3P
   Surface Mount Zener Diodes
logo
Foshan Blue Rocket Elec...
BZT52B22 FOSHAN-BZT52B22 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Shenzhen Taychipst Elec...
BZT52B22 TAYCHIPST-BZT52B22 Datasheet
2Mb / 3P
   Small Signal Diode
More results

Similar Description - BZT52B22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com