Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C75P Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZD27C75P
Description  1W, 6.8V - 220V Voltage Regulator Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZD27C75P Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZD27C75P Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZD27C75P Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZD27C75P Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZD27C75P Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZD27C75P Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZD27C75P Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Test
Current
IZT
IR
VR
mA
μAV
Min.
Max.
Typ.
Max.
Min.
Max.
Max.
BZD27C6V8P
D7
6.4
7.2
1
3
0
0.07
100
10
3
BZD27C7V5P
D8
7.0
7.9
1
2
0
0.07
100
50
3
BZD27C8V2P
D9
7.7
8.7
1
2
0.03
0.08
100
10
3
BZD27C9V1P
E0
8.5
9.6
2
4
0.03
0.08
50
10
5
BZD27C10P
E1
9.4
10.6
2
4
0.05
0.09
50
7
7.5
BZD27C11P
E2
10.4
11.6
4
7
0.05
0.10
50
4
8.2
BZD27C12P
E3
11.4
12.7
4
7
0.05
0.10
50
3
9.1
BZD27C13P
E4
12.4
14.1
5
10
0.05
0.10
50
2
10
BZD27C15P
E5
13.8
15.6
5
10
0.05
0.10
25
1
11
BZD27C16P
E6
15.3
17.1
6
15
0.06
0.11
25
1
12
BZD27C18P
E7
16.8
19.1
6
15
0.06
0.11
25
1
13
BZD27C20P
E8
18.8
21.2
6
15
0.06
0.11
25
1
15
BZD27C22P
E9
20.8
23.3
6
15
0.06
0.11
25
1
16
BZD27C24P
F0
22.8
25.6
7
15
0.06
0.11
25
1
18
BZD27C27P
F1
25.1
28.9
7
15
0.06
0.11
25
1
20
BZD27C30P
F2
28
32
8
15
0.06
0.11
25
1
22
BZD27C33P
F3
31
35
8
15
0.06
0.11
25
1
24
BZD27C36P
F4
34
38
21
40
0.06
0.11
10
1
27
BZD27C39P
F5
37
41
21
40
0.06
0.11
10
1
30
BZD27C43P
F6
40
46
24
45
0.07
0.12
10
1
33
BZD27C47P
F7
44
50
24
45
0.07
0.12
10
1
36
BZD27C51P
F8
48
54
25
60
0.07
0.12
10
1
39
BZD27C56P
F9
52
56
25
60
0.07
0.12
10
1
43
BZD27C62P
G0
58
66
25
80
0.08
0.13
10
1
47
BZD27C68P
G1
64
72
25
80
0.08
0.13
10
1
51
BZD27C75P
G2
70
79
30
100
0.08
0.13
10
1
56
BZD27C82P
G3
77
82
60
200
0.08
0.13
10
1
62
BZD27C91P
G4
85
91
60
200
0.08
0.13
5
1
68
BZD27C100P
G5
94
106
60
200
0.09
0.13
5
1
75
BZD27C110P
G6
104
116
80
250
0.09
0.13
5
1
82
BZD27C120P
G7
114
127
150
300
0.09
0.13
5
1
91
BZD27C130P
G
124
141
150
300
0.09
0.13
5
1
100
BZD27C150P
G9
138
156
150
300
0.09
0.13
5
1
110
BZD27C160P
H0
153
171
150
350
0.09
0.13
5
1
120
BZD27C180P
H1
168
191
280
450
0.09
0.13
5
1
130
BZD27C200P
H2
188
212
350
750
0.09
0.13
5
1
150
BZD27C220P
H3
208
233
430
900
0.09
0.13
5
1
160
Notes: 1. Pulse test: tp ≦5ms.
Document Number: DS_D1409045
Version: X15
rdif @ IZ
Device
Device
Marking
Code
Working Voltage
(Note 1)
VZ @ IZT
V
BZD27C SERIES
Taiwan Semiconductor
Reverse Current@
Reverse Voltage
ALPHZ @ IZ
Temperature
Coefficient
%/°C
Differential
Resistance


Similar Part No. - BZD27C75P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C75P VAISH-BZD27C75P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
SUNMATE electronic Co.,...
BZD27C75P SUNMATE-BZD27C75P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
BZD27C75P TSC-BZD27C75P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
logo
Vishay Siliconix
BZD27C75P VISHAY-BZD27C75P Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
logo
Taiwan Semiconductor Co...
BZD27C75P TSC-BZD27C75P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C75P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZD17C TSC-BZD17C_15 Datasheet
199Kb / 5P
   0.8W, 11V - 220V Voltage Regulator Diodes
P6SMB TSC-P6SMB_15 Datasheet
192Kb / 6P
   600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
logo
Leshan Radio Company
1N4733AM LRC-1N4733AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com