Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55B8V2 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZV55B8V2
Description  500mW, 2% Tolerance Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV55B8V2 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZV55B8V2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV55B8V2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV55B8V2 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV55B8V2 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZV55B8V2 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Wide zener voltage range selection : 2.4V to 75V
- VZ Tolerance Selection of ±2%
- Hermetically sealed glasss
- Pb free and RoHS compliant
- High reliability glass passivation insuring parameter
- Case: Mini-MELF Package (JEDEC DO-213AC)
- High temperature soldering guaranteed: 270
oC/10s
- Polarity: Indicated by cathode band
SYMBOL
UNIT
PD
mW
Forward Voltage
VF
V
RθJA
oC/W
TJ, TSTG
oC
Note1 : Valid provided that electrodes are kept at ambient temperature
VBR
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
Document Number: DS_S1403001
Mini-MELF (LL34)
Power Dissipation
500
MECHANICAL DATA
Hermetically Sealed Glass
: Voltage at current I
Zener I vs. V Characteristics
Version: E14
Thermal Resistance (Junction to Ambient)
(Note 1)
Storage Temperature Range
1
300
- 65 to + 175
: Voltage at IZM
IF = 100 mA
: Voltage at IZK
Taiwan Semiconductor
VALUE
BZV55B2V4 ~ BZV55B75
Small Signal Product
500mW, 2% Tolerance Zener Diode
- Weight : 31 mg (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25℃ unless otherwise noted)
PARAMETER
FEATURES
stability and protection against junction contamination


Similar Part No. - BZV55B8V2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZV55B8V2 EIC-BZV55B8V2 Datasheet
37Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZV55B8V2 TSC-BZV55B8V2 Datasheet
248Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B8V2 TSC-BZV55B8V2 Datasheet
259Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Ping Sheng Ele...
BZV55B8V2 PFS-BZV55B8V2 Datasheet
284Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZV55B8V2 TSC-BZV55B8V2 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
More results

Similar Description - BZV55B8V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
NTE Electronics
NTE5010T1 NTE-NTE5010T1 Datasheet
15Kb / 1P
   Zener Diode, 500mW 짹1% Tolerance
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com