Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B27-G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52B27-G
Description  2% Zener Voltage Tolerance Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52B27-G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT52B27-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52B27-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52B27-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52B27-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52B27-G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT52B27-G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(Ratings at TA=25
oC ambient temperature unless otherwise specified)
Test
Current
IZT
ZZT @ IZT
ZZk @ Izk
IZT
IR
VR
IZTC
Nom(V) Min(V)
Max(V)
mA
mA
uA
V
Min
Max
mA
BZT52B2V4-G
2WX
2.4
2.35
2.45
5
100
600
1.0
50
1.0
-3.5
0
5
BZT52B2V7-G
2W1
2.7
2.65
2.75
5
100
600
1.0
20
1.0
-3.5
0
5
BZT52B3V0-G
2W2
3
2.94
3.06
5
95
600
1.0
10
1.0
-3.5
0
5
BZT52B3V3-G
2W3
3.3
3.23
3.37
5
95
600
1.0
5
1.0
-3.5
0
5
BZT52B3V6-G
2W4
3.6
3.53
3.67
5
90
600
1.0
5
1.0
-3.5
0
5
BZT52B3V9-G
2W5
3.9
3.82
3.98
5
90
600
1.0
3
1.0
-3.5
0
5
BZT52B4V3-G
2W6
4.3
4.21
4.39
5
90
600
1.0
3
1.0
-3.5
0
5
BZT52B4V7-G
2W7
4.7
4.61
4.79
5
80
500
1.0
3
2.0
-3.5
0.2
5
BZT52B5V1-G
2W8
5.1
5.00
5.20
5
60
480
1.0
2
2.0
-2.7
1.2
5
BZT52B5V6-G
2W9
5.6
5.49
5.71
5
40
400
1.0
1
2.0
-2.0
2.5
5
BZT52B6V2-G
2WA
6.2
6.08
6.32
5
10
150
1.0
3
4.0
0.4
3.7
5
BZT52B6V8-G
2WB
6.8
6.66
6.94
5
15
80
1.0
2
4.0
1.2
4.5
5
BZT52B7V5-G
2WC
7.5
7.35
7.65
5
15
80
1.0
1
5.0
2.5
5.3
5
BZT52B8V2-G
2WD
8.2
8.04
8.36
5
15
80
1.0
0.7
5.0
3.2
6.2
5
BZT52B9V1-G
2WE
9.1
8.92
9.28
5
15
100
1.0
0.5
6.0
3.8
7.0
5
BZT52B10-G
2WF
10
9.80
10.20
5
20
150
1.0
0.2
7.0
4.5
8.0
5
BZT52B11-G
2WG
11
10.78
11.22
5
20
150
1.0
0.1
8.0
5.4
9.0
5
BZT52B12-G
2WH
12
11.76
12.24
5
25
150
1.0
0.1
8.0
6.0
10.0
5
BZT52B13-G
2WI
13
12.74
13.26
5
30
170
1.0
0.1
8.0
7.0
11.0
5
BZT52B15-G
2WJ
15
14.70
15.30
5
30
200
1.0
0.1
10.5
9.2
13.0
5
BZT52B16-G
2WK
16
15.68
16.32
5
40
200
1.0
0.1
11.2
10.4
14.0
5
BZT52B18-G
2WL
18
17.64
18.36
5
45
225
1.0
0.1
12.6
12.4
16.0
5
BZT52B20-G
2WM
20
19.60
20.40
5
55
225
1.0
0.1
14.0
14.4
18.0
5
BZT52B22-G
2WN
22
21.56
22.44
5
55
250
1.0
0.1
15.4
16.4
20.0
5
BZT52B24-G
2WO
24
23.52
24.48
5
70
250
1.0
0.1
16.8
18.4
22.0
5
BZT52B27-G
2WP
27
26.46
27.54
2
80
300
0.5
0.1
18.9
21.4
25.3
2
BZT52B30-G
2WQ
30
29.40
30.60
2
80
300
0.5
0.1
21.0
24.4
29.4
2
BZT52B33-G
2WR
33
32.34
33.66
2
80
325
0.5
0.1
23.1
27.4
33.4
2
BZT52B36-G
2WS
36
35.28
36.72
2
90
350
0.5
0.1
25.2
30.4
37.4
2
BZT52B39-G
2WT
39
38.22
0.50
2
130
350
0.5
0.1
27.3
33.4
41.2
2
BZT52B43-G
2WU
43
41.46
42.84
2
130
350
0.5
0.1
29.4
36.4
45.2
2
Document Number: DS_S1405027
Version: D14
BZT52B2V4-G ~ BZT52B43-G
Taiwan Semiconductor
mV/
oC
Electrical Characteristics
Device
Type
Marking
code
Zener Voltage Range
Maximun Zener
Impedance
Ohm
Small Signal Product
Maximun
Reverse
Current
Typical
Temperature
Coefficent @
IZTC
VZ @ IZT


Similar Part No. - BZT52B27-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT52B27-G VISHAY-BZT52B27-G Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.3, 27-Feb-13
More results

Similar Description - BZT52B27-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4_14 Datasheet
228Kb / 5P
   2% Tolerance Zener Diode
BZX585B2V4 TSC-BZX585B2V4 Datasheet
230Kb / 6P
   Zener Diode, 2% Tolerance
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com