Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B27-G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52B27-G
Description  2% Zener Voltage Tolerance Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52B27-G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZT52B27-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52B27-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52B27-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52B27-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52B27-G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT52B27-G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
- Ideal for Surface Mounted Applications
SOD-123
- Case: Bend lead SOD-123 small outline plastic package
- Terminal: Matte tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
- Polarity: Indicated by cathode band
VF
V
PD
mW
RθJA
oC/W
TJ
oC
TSTG
oC
2. Short duration test pulse used to minimize self-heating effect
Document Number: DS_S1405027
2% Zener Voltage Tolerance Zener Diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
MECHANICAL DATA
- High temperature soldering guaranteed: 260°C/10s
Forward Voltage (Note2)
@ IF = 10mA
SYMBOL
- Moisture sensitivity level 1
150
Power Dissipation (Note1)
Thermal Resistance from Junction to Ambient
Junction Temperature
357
UNIT
Storage Temperature
Notes: 1. Device mounted on ceramic PCB: 7.6mm X 9.4mm X 0.87mm with pad areas 25mm
2
PARAMETER
Version: D14
- 55 to + 150
VALUE
BZT52B2V4-G ~ BZT52B43-G
FEATURES
- Surface Mount Device Type
Taiwan Semiconductor
Small Signal Product
- Wide zener voltage range selection: 2.4V to 43V
0.9
410


Similar Part No. - BZT52B27-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT52B27-G VISHAY-BZT52B27-G Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.3, 27-Feb-13
More results

Similar Description - BZT52B27-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4_14 Datasheet
228Kb / 5P
   2% Tolerance Zener Diode
BZX585B2V4 TSC-BZX585B2V4 Datasheet
230Kb / 6P
   Zener Diode, 2% Tolerance
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com