Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C18-G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52C18-G
Description  5% Zener Voltage Tolerance Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C18-G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT52C18-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C18-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C18-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52C18-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
(Ratings at TA=25
oC ambient temperature unless otherwise specified)
Test
Current
IZT
ZZT @ IZT
ZZk @ Izk
IZT
IR
VR
IZTC
Nom(V) Min(V)
Max(V)
mA
mA
uA
V
Min
Max
mA
BZT52C2V4-G
WX
2.4
2.2
2.6
5
100
600
1.0
50
1.0
-3.5
0
5
BZT52C2V7-G
W1
2.7
2.5
2.9
5
100
600
1.0
20
1.0
-3.5
0
5
BZT52C3V0-G
W2
3
2.8
3.2
5
95
600
1.0
10
1.0
-3.5
0
5
BZT52C3V3-G
W3
3.3
3.1
3.5
5
95
600
1.0
5
1.0
-3.5
0
5
BZT52C3V6-G
W4
3.6
3.4
3.8
5
90
600
1.0
5
1.0
-3.5
0
5
BZT52C3V9-G
W5
3.9
3.7
4.1
5
90
600
1.0
3
1.0
-3.5
0
5
BZT52C4V3-G
W6
4.3
4
4.6
5
90
600
1.0
3
1.0
-3.5
0
5
BZT52C4V7-G
W7
4.7
4.4
5.0
5
80
500
1.0
3
2.0
-3.5
0.2
5
BZT52C5V1-G
W8
5.1
4.8
5.4
5
60
480
1.0
2
2.0
-2.7
1.2
5
BZT52C5V6-G
W9
5.6
5.2
6.0
5
40
400
1.0
1
2.0
-2.0
2.5
5
BZT52C6V2-G
WA
6.2
5.8
6.6
5
10
150
1.0
3
4.0
0.4
3.7
5
BZT52C6V8-G
WB
6.8
6.4
7.2
5
15
80
1.0
2
4.0
1.2
4.5
5
BZT52C7V5-G
WC
7.5
7.0
7.9
5
15
80
1.0
1
5.0
2.5
5.3
5
BZT52C8V2-G
WD
8.2
7.7
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
5
BZT52C9V1-G
WE
9.1
8.5
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
5
BZT52C10-G
WF
10
9.4
10.6
5
20
150
1.0
0.2
7.0
4.5
8.0
5
BZT52C11-G
WG
11
10.4
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
5
BZT52C12-G
WH
12
11.4
12.7
5
25
150
1.0
0.1
8.0
6.0
10.0
5
BZT52C13-G
WI
13
12.4
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
5
BZT52C15-G
WJ
15
13.8
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
5
BZT52C16-G
WK
16
15.3
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
5
BZT52C18-G
WL
18
16.8
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
5
BZT52C20-G
WM
20
18.8
21.2
5
55
225
1.0
0.1
14.0
14.4
18.0
5
BZT52C22-G
WN
22
20.8
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
5
BZT52C24-G
WO
24
22.8
25.6
5
70
250
1.0
0.1
16.8
18.4
22.0
5
BZT52C27-G
WP
27
25.1
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
2
BZT52C30-G
WQ
30
28.0
32.0
2
80
300
0.5
0.1
21.0
24.4
29.4
2
BZT52C33-G
WR
33
31.0
35.0
2
80
325
0.5
0.1
23.1
27.4
33.4
2
BZT52C36-G
WS
36
34.0
38.0
2
90
350
0.5
0.1
25.2
30.4
37.4
2
BZT52C39-G
WT
39
37.0
41.0
2
130
350
0.5
0.1
27.3
33.4
41.2
2
BZT52C43-G
WU
43
40.0
46.0
5
100
700
1
0.1
32.0
10.0
12.0
5
Document Number: DS_S1402010
Version: A14
Zener Voltage Range
Maximun Zener Impedance
Maximun
Reverse
Current
Typical
Temperature
Coefficent @
IZTC
VZ @ IZT
mV/
oC
Ohm
Small Signal Product
BZT52C2V4-G~BZT52C43-G
Taiwan Semiconductor
Device
Type
Marking
code


Similar Part No. - BZT52C18-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C18-7 DIODES-BZT52C18-7 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
BZT52C18-7-F DIODES-BZT52C18-7-F Datasheet
89Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 28 - 2
logo
TAITRON Components Inco...
BZT52C18-F TAITRON-BZT52C18-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
logo
Micro Commercial Compon...
BZT52C18-TP MCC-BZT52C18-TP Datasheet
208Kb / 3P
   500 mW Zener Diode 2.4 to 43 Volts
logo
Vishay Siliconix
BZT52C18-V VISHAY-BZT52C18-V Datasheet
262Kb / 10P
   Small Signal Zener Diodes
Rev. 1.5, 21-Apr-05
More results

Similar Description - BZT52C18-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
   1.0W ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com