Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT55B20 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZT55B20
Description  500mW , 2% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55B20 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZT55B20 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55B20 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55B20 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT55B20 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT55B20 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT55B20 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1405002
Version: G14
RATINGS AND CHARACTERISTICS CURVES (BZT55B2V4 ~ BZT55B75)
BZT55B2V4 ~ BZT55B75
Taiwan Semiconductor
Small Signal Product
0.01
0.1
1
10
100
0
1
2
3
4
5
6
7
8
9
10 11 12
Zener Voltage (V)
Fig. 2 Zener Breakdown Characteristics
T
A=25
oC
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
Zener Voltage (V)
Fig. 3 Zener Breakdown Characteristics
1
10
100
1000
1
10
100
Zener Voltage (V)
Fig. 5 Typical Capacitance
0
100
200
300
400
500
600
0
40
80
120
160
200
Ambient Temperature (oC)
Fig. 4 Admissible Power Dissipation curve
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Forward Voltage (V)
Fig. 1 Typical Forward Characteristics
T
A=25
oC
1
10
100
1000
1
10
100
Zener Voltage (V)
Fig. 6 Effect of Zener Voltage on Impedence
I
Z=5mA
I
Z=20mA


Similar Part No. - BZT55B20

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT55B20 TSC-BZT55B20 Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55B20 VISHAY-BZT55B20 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55B20 SEMTECH_ELEC-BZT55B20 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZT55B20 TSC-BZT55B20 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT55B20 VISHAY-BZT55B20 Datasheet
119Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
More results

Similar Description - BZT55B20

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com