Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C200P Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZD27C200P
Description  1W, 6.8V - 220V Voltage Regulator Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZD27C200P Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZD27C200P Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZD27C200P Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZD27C200P Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZD27C200P Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZD27C200P Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZD27C200P Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
V(BR)@Itest
Itest
Vc
@IRSM (Note 1)
IR
@VWM
VmA
V
A
μAV
Min.
Min.
Max
Max.
Max.
BZD27C7V5P
7
100
0.00
0.07
11.3
13.3
1500
6.2
BZD27C8V2P
7.7
100
0.03
0.08
12.3
12.2
1200
6.8
BZD27C9V1P
8.5
50
0.03
0.08
13.3
11.3
100
7.5
BZD27C10P
9.4
50
0.05
0.09
14.8
10.1
20
8.2
BZD27C11P
10.4
50
0.05
0.10
15.7
9.6
5
9.1
BZD27C12P
11.4
50
0.05
0.10
17.0
8.8
5
10
BZD27C13P
12.4
50
0.05
0.10
18.9
7.9
5
11
BZD27C15P
13.8
50
0.05
0.10
20.9
7.2
5
12
BZD27C16P
15.3
25
0.06
0.11
22.9
6.6
5
13
BZD27C18P
16.8
25
0.06
0.11
25.6
5.9
5
15
BZD27C20P
18.8
25
0.06
0.11
28.4
5.3
5
16
BZD27C22P
20.8
25
0.06
0.11
31.0
4.8
5
18
BZD27C24P
22.8
25
0.06
0.11
33.8
4.4
5
20
BZD27C27P
25.1
25
0.06
0.11
38.1
3.9
5
22
BZD27C30P
28
25
0.06
0.11
42.2
3.6
5
24
BZD27C33P
31
25
0.06
0.11
46.2
3.2
5
27
BZD27C36P
34
10
0.06
0.11
50.1
3.0
5
30
BZD27C39P
37
10
0.06
0.11
54.1
2.8
5
33
BZD27C43P
40
10
0.07
0.12
60.7
2.5
5
36
BZD27C47P
44
10
0.07
0.12
65.5
2.3
5
39
BZD27C51P
48
10
0.07
0.12
70.8
2.1
5
43
BZD27C56P
52
10
0.07
0.12
78.6
1.9
5
47
BZD27C62P
58
10
0.08
0.13
86.5
1.7
5
51
BZD27C68P
64
10
0.08
0.13
94.4
1.6
5
56
BZD27C75P
70
10
0.08
0.13
103.5
1.5
5
62
BZD27C82P
77
10
0.08
0.13
114
1.3
5
68
BZD27C91P
85
5
0.09
0.13
126
1.2
5
75
BZD27C100P
94
5
0.09
0.13
139
1.1
5
82
BZD27C110P
104
5
0.09
0.13
150
1.0
5
91
BZD27C120P
114
5
0.09
0.13
152
0.65
5
100
BZD27C130P
124
5
0.09
0.13
185
0.81
5
110
BZD27C150P
138
5
0.09
0.13
205
0.73
5
120
BZD27C160P
153
5
0.09
0.13
224
0.67
5
130
BZD27C180P
168
5
0.09
0.13
229
0.43
5
150
BZD27C200P
188
5
0.09
0.13
254
0.39
5
160
BZD27C220P
208
5
0.09
0.13
279
0.35
5
176
Notes: 1. Non-repetitive peak reverse current in accordance with "IEC 60-1, Section 8" (10/1000 μs pulse)
Document Number: DS_D1409045
Version: X15
BZD27C SERIES
Taiwan Semiconductor
Reverse Current@
Stand-Off Voltage
Device
ALPHz@Itest
%/°C
Rev.
Breakdown
Voltage
Test
Current
Temperature
Coefficient
Clamping Voltage


Similar Part No. - BZD27C200P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C200P VAISH-BZD27C200P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Galaxy Semi-Conductor H...
BZD27C200P BILIN-BZD27C200P Datasheet
202Kb / 4P
   VOLTAGE REGULATOR DIODES
logo
Taiwan Semiconductor Co...
BZD27C200P TSC-BZD27C200P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
logo
Shenzhen Luguang Electr...
BZD27C200P LUGUANG-BZD27C200P Datasheet
2Mb / 4P
   Voltage Regulator Diodes
logo
Taiwan Semiconductor Co...
BZD27C200P TSC-BZD27C200P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C200P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZD17C TSC-BZD17C_15 Datasheet
199Kb / 5P
   0.8W, 11V - 220V Voltage Regulator Diodes
P6SMB TSC-P6SMB_15 Datasheet
192Kb / 6P
   600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
logo
Leshan Radio Company
1N4733AM LRC-1N4733AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com