Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B47S Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52B47S
Description  200mW, 2% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52B47S Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZT52B47S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52B47S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52B47S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52B47S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52B47S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT52B47S Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PART NO.
BZT52BxxxS
(Note2)
PART NO.
BZT52B2V4S
BZT52B2V4S
Document Number: DS_S1404022
Version: C14
Green compound
Taiwan Semiconductor
Small Signal Product
PACKAGE
BZT52B2V4S RRG
GREEN COMPOUND
CODE
MANUFACTURE
CODE (Note1)
PACKING CODE
DESCRIPTION
Note1: Manufacture special control, if empty means no special control requirement.
RR
G
SOD-323F
3K / 7" Reel
Note2: "xxx" is Device Code from "2V4" thru "75", detail could follow the previous page
BZT52B2V4S-L0 RRG
RR
G
RR
G
BZT52B2V4S - BZT52B75S
Green compound
MANUFACTURE
CODE
L0
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
EXAMPLE
PREFERRED P/N
PACKING


Similar Part No. - BZT52B47S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B47S TSC-BZT52B47S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
logo
Diode Semiconductor Kor...
BZT52B47S DSK-BZT52B47S Datasheet
252Kb / 4P
   Surface mount zener diode
logo
Shenzhen Luguang Electr...
BZT52B47S LUGUANG-BZT52B47S Datasheet
1Mb / 3P
   Surface Mount Zener Diodes
logo
Thinki Semiconductor Co...
BZT52B47S THINKISEMI-BZT52B47S Datasheet
806Kb / 4P
   ThinkiSemi 200mW,짹2% Tolerance,SOD-323 Outline Zener Diodes
logo
Yangzhou yangjie electr...
BZT52B47SQ YANGJIE-BZT52B47SQ Datasheet
276Kb / 5P
   Small Signal Zener Diodes
More results

Similar Description - BZT52B47S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com