Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C39K Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52C39K
Description  200mW, Surface Mount Zener SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C39K Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZT52C39K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C39K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C39K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52C39K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52C39K Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT52C39K Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- Wide zener voltage range selection : 2.4V to 75V
- Surface Mount Device type
- Moisture sensitivity level 1
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
- Matte Tin(Sn) lead finish with Nickel(Ni) underplate
- Case: SOD-523F small outline plastic package
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by cathode band
SYMBOL
UNIT
PD
mW
Forward Voltage
VF
V
RθJA
oC/W
TSTG
oC
Note1: Valid provided that electrodes are kept at ambient temperature
VBR
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
Document Number: DS_S1403007
Power Dissipation
200
MECHANICAL DATA
: Voltage at current I
Zener I vs. V Characteristics
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
Version: C14
Thermal Resistance (Junction to Ambient)
(Note 1)
Junction and Storage Temperature Range
1
625
-65 to +150
: Voltage at IZM
IF = 10 mA
: Voltage at IZK
Taiwan Semiconductor
VALUE
BZT52C2V0K ~ BZT52C75K
Small Signal Product
200mW, Surface Mount Zener SMD Zener Diode
packing code and prefix "G" on date code
- Weight: 1.68 ± 0.5mg
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
FEATURES
SOD-523F


Similar Part No. - BZT52C39K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C39K TSC-BZT52C39K Datasheet
298Kb / 3P
   200mW,Surface Mount Zener Diode
BZT52C39K TSC-BZT52C39K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
More results

Similar Description - BZT52C39K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com