Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T50RIA60 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T50RIA60
Description  Medium Power Phase Control Thyristors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T50RIA60 Datasheet(HTML) 2 Page - Vishay Siliconix

  T50RIA60 Datasheet HTML 1Page - Vishay Siliconix T50RIA60 Datasheet HTML 2Page - Vishay Siliconix T50RIA60 Datasheet HTML 3Page - Vishay Siliconix T50RIA60 Datasheet HTML 4Page - Vishay Siliconix T50RIA60 Datasheet HTML 5Page - Vishay Siliconix T50RIA60 Datasheet HTML 6Page - Vishay Siliconix T50RIA60 Datasheet HTML 7Page - Vishay Siliconix T50RIA60 Datasheet HTML 8Page - Vishay Siliconix T50RIA60 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93756
2
Revision: 03-Jun-08
T..RIA Series
Vishay High Power Products Medium Power Phase Control Thyristors
(Power Modules), 50 A/70 A/90 A
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
T50RIA T70RIA T90RIA UNITS
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave
50
70
90
A
70
70
70
°C
Maximum RMS on-state current
IT(RMS)
80
110
141
A
Maximum peak, one-cycle
on-state, non-repetitive
surge current
ITSM
t = 10 ms
No voltage
reapplied
Sine half wave,
initial TJ = TJ maximum
1310
1660
1780
A
t = 8.3 ms
1370
1740
1870
t = 10 ms
100 % VRRM
reapplied
1100
1400
1500
t = 8.3 ms
1150
1460
1570
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
8550
13 860
15 900
A2s
t = 8.3 ms
7800
12 650
14 500
t = 10 ms
100 % VRRM
reapplied
6050
9800
11 250
t = 8.3 ms
5520
8950
10 270
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
85 500
138 500 159 100
A2
√s
Low level value of
threshold voltage
VT(TO)1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ maximum
0.97
0.77
0.78
V
High level value of
threshold voltage
VT(TO)2
(I >
π x I
T(AV)), TJ maximum
1.13
0.88
0.88
Low level value of
on-state slope resistance
rt1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ maximum
4.1
3.6
2.9
m
Ω
High level value of
on-state slope resistance
rt2
(I >
π x I
T(AV)), TJ maximum
3.3
3.2
2.6
Maximum on-state voltage drop
VTM
ITM = π x IT(AV), TJ = 25 °C, tp = 400 µs square
Average power = VT(TO) x IT(AV) + rf x (IT(RMS))2
1.60
1.55
1.55
V
Maximum forward voltage drop
VFM
ITM = π x IT(AV), TJ = 25 °C, tp = 400 µs square
Average power = VT(TO) x IT(AV) + rf x (IT(RMS))2
1.60
1.55
1.55
V
Maximum holding current
IH
Anode supply = 6 V, initial IT = 30 A, TJ = 25 °C
200
200
200
mA
Maximum latching current
IL
Anode supply = 6 V, resistive load = 10
Ω
Gate pulse: 10 V, 100 µs, TJ = 25 °C
400
400
400
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Typical turn-on time
tgd
TJ = 25 °C, Vd = 50 % VDRM, ITM = 50 A
Ig = 500 mA, tr ≤ 0.5, tp ≥ 6 µs
0.9
µs
Typical reverse recovery time
trr
TJ = 125 °C, ITM = 50 A, tp = 300 µs, dI/dt = 10 A/µs
3
Typical turn-off time
tq
TJ = TJ maximum, ITM = 50 A, tp = 300 µs
-dI/dt = 15 A/µs, VR = 100 V, linear to 80 % VDRM
110


Similar Part No. - T50RIA60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T50RIA60 IRF-T50RIA60 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
T50RIA60 VISHAY-T50RIA60 Datasheet
244Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Revision: 03-Jun-08
More results

Similar Description - T50RIA60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10RIA VISHAY-VS-10RIA Datasheet
184Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
VS-22RIA10 VISHAY-VS-22RIA10 Datasheet
198Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-25RIA10 VISHAY-VS-25RIA10 Datasheet
199Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-16RIA10 VISHAY-VS-16RIA10 Datasheet
197Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-10RIA04 VISHAY-VS-10RIA04 Datasheet
196Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-25RIA VISHAY-VS-25RIA Datasheet
197Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
logo
International Rectifier
T50RIA100 IRF-T50RIA100 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
logo
New Jersey Semi-Conduct...
16RIA NJSEMI-16RIA Datasheet
267Kb / 4P
   Medium Power Phase Control Thyristors
logo
Vishay Siliconix
VS-22RIA VISHAY-VS-22RIA Datasheet
186Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com