Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-22RIA60 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-22RIA60
Description  Medium Power Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-22RIA60 Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-22RIA60 Datasheet HTML 1Page - Vishay Siliconix VS-22RIA60 Datasheet HTML 2Page - Vishay Siliconix VS-22RIA60 Datasheet HTML 3Page - Vishay Siliconix VS-22RIA60 Datasheet HTML 4Page - Vishay Siliconix VS-22RIA60 Datasheet HTML 5Page - Vishay Siliconix VS-22RIA60 Datasheet HTML 6Page - Vishay Siliconix VS-22RIA60 Datasheet HTML 7Page - Vishay Siliconix VS-22RIA60 Datasheet HTML 8Page - Vishay Siliconix VS-22RIA60 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VS-22RIA Series
www.vishay.com
Vishay Semiconductors
Revision: 11-Mar-14
1
Document Number: 93700
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Medium Power Phase Control Thyristors
(Stud Version), 22 A
FEATURES
• Improved glass passivation for high reliability
and exceptional stability at high temperature
• High dI/dt and dV/dt capabilities
• Standard package
• Low thermal resistance
• Metric threads version available
• Types up to 1200 V VDRM/VRRM
• Designed and qualified for industrial and consumer level
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
• Medium power switching
• Phase control applications
• Can be supplied to meet stringent military, aerospace and
other high reliability requirements
ELECTRICAL SPECIFICATIONS
Notes
(1) Units may be broken over non-repetitively in the off-state direction without damage, if dI/dt does not exceed 20 A/μs
(2) For voltage pulses with tp  5 ms
PRODUCT SUMMARY
Package
TO-208AA (TO-48)
Diode variation
Single SCR
IT(AV)
22 A
VDRM/VRRM
100 V to 1200 V
VTM
1.70 V
IGT
60 mA
TJ
-65 °C to 125 °C
TO-208AA (TO-48)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
22
A
TC
85
°C
IT(RMS)
35
A
ITSM
50 Hz
400
A
60 Hz
420
I2t
50 Hz
793
A2s
60 Hz
724
VDRM/VRRM
100 to 1200
V
tq
Typical
110
μs
TJ
-65 to 125
°C
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE PEAK
AND OFF-STATE VOLTAGE (1)
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK VOLTAGE (2)
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
VS-22RIA
10
100
150
20
20
200
300
10
40
400
500
60
600
700
80
800
900
100
1000
1100
120
1200
1300


Similar Part No. - VS-22RIA60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-22RIA VISHAY-VS-22RIA Datasheet
186Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
VS-22RIA VISHAY-VS-22RIA Datasheet
190Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 22 A
01-Jan-2022
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Vishay Siliconix
VS-22RIA VISHAY-VS-22RIA_V01 Datasheet
190Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 22 A
01-Jan-2022
More results

Similar Description - VS-22RIA60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10RIA VISHAY-VS-10RIA Datasheet
184Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
VS-25RIA10 VISHAY-VS-25RIA10 Datasheet
199Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-16RIA10 VISHAY-VS-16RIA10 Datasheet
197Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-10RIA04 VISHAY-VS-10RIA04 Datasheet
196Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-25RIA VISHAY-VS-25RIA Datasheet
197Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
logo
International Rectifier
T50RIA100 IRF-T50RIA100 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
logo
New Jersey Semi-Conduct...
16RIA NJSEMI-16RIA Datasheet
267Kb / 4P
   Medium Power Phase Control Thyristors
logo
Vishay Siliconix
T50RIA10 VISHAY-T50RIA10_15 Datasheet
264Kb / 14P
   Medium Power Phase Control Thyristors
Revision: 03-Jun-08
VS-22RIA VISHAY-VS-22RIA Datasheet
186Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com