Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-22RIA120 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-22RIA120
Description  Medium Power Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-22RIA120 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-22RIA120 Datasheet HTML 1Page - Vishay Siliconix VS-22RIA120 Datasheet HTML 2Page - Vishay Siliconix VS-22RIA120 Datasheet HTML 3Page - Vishay Siliconix VS-22RIA120 Datasheet HTML 4Page - Vishay Siliconix VS-22RIA120 Datasheet HTML 5Page - Vishay Siliconix VS-22RIA120 Datasheet HTML 6Page - Vishay Siliconix VS-22RIA120 Datasheet HTML 7Page - Vishay Siliconix VS-22RIA120 Datasheet HTML 8Page - Vishay Siliconix VS-22RIA120 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VS-22RIA Series
www.vishay.com
Vishay Semiconductors
Revision: 11-Mar-14
3
Document Number: 93700
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum
8.0
W
Maximum average gate power
PG(AV)
2.0
Maximum peak positive gate current
IGM
TJ = TJ maximum
1.5
A
Maximum peak negative gate voltage
-VGM
TJ = TJ maximum
10
V
DC gate current required to trigger
IGT
TJ = - 65 °C
Maximum required gate trigger
current/voltage are the lowest
value which will trigger all units
6 V anode to cathode applied
90
mA
TJ = 25 °C
60
TJ = 125 °C
35
DC gate voltage required to trigger
VGT
TJ = - 65 °C
3.0
V
TJ = 25 °C
2.0
TJ = 125 °C
1.0
DC gate current not to trigger
IGD
TJ = TJ maximum, VDRM = Rated value
2.0
mA
DC gate voltage not to trigger
VGD
TJ = TJ maximum,
VDRM = Rated value
Maximum gate current/voltage
not to trigger is the maximum
value which will not trigger any
unit with rated VDRM anode to
cathode applied
0.2
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction
and storage temperature range
TJ, TStg
-65 to 125
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.86
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.35
TO NUT
TO DEVICE
Mounting torque
Lubricated threads
(Non-lubricated threads)
20 (27.5)
25
lbf
in
0.23 (0.32)
0.29
kgf · m
2.3 (3.1)
2.8
N · m
Approximate weight
14
g
0.49
oz.
Case style
See dimensions - link at the end of datasheet
TO-208AA (TO-48)
R
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.21
0.15
TJ = TJ maximum
K/W
120°
0.25
0.25
90°
0.31
0.34
60°
0.45
0.47
30°
0.76
0.76


Similar Part No. - VS-22RIA120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
More results

Similar Description - VS-22RIA120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10RIA VISHAY-VS-10RIA Datasheet
184Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
VS-25RIA10 VISHAY-VS-25RIA10 Datasheet
199Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-16RIA10 VISHAY-VS-16RIA10 Datasheet
197Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-10RIA04 VISHAY-VS-10RIA04 Datasheet
196Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-25RIA VISHAY-VS-25RIA Datasheet
197Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
logo
International Rectifier
T50RIA100 IRF-T50RIA100 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
logo
New Jersey Semi-Conduct...
16RIA NJSEMI-16RIA Datasheet
267Kb / 4P
   Medium Power Phase Control Thyristors
logo
Vishay Siliconix
T50RIA10 VISHAY-T50RIA10_15 Datasheet
264Kb / 14P
   Medium Power Phase Control Thyristors
Revision: 03-Jun-08
VS-22RIA VISHAY-VS-22RIA Datasheet
186Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com