Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV79C2V7 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZV79C2V7
Description  Surface Mount Zener Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV79C2V7 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZV79C2V7 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV79C2V7 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV79C2V7 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV79C2V7 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Zener voltage range : 2.4V to 75V
- Surface device type mounting
- Hermetically sealed glasss
- Compression bonded construction
- Matte Tin (Sn) lead finish
- Pb free and RoHS compliant
- All external surfaces are corrosion resistant and
terminals are readily solderable
- Case: Mini-MELF Package (JEDEC DO-213AC)
- High temperature soldering guaranteed: 260
oC/10s
- Polarity: Indicated by cathode band
SYMBO
UNIT
PD
mW
VF
V
TJ, TSTG
oC
Document Number: DS_S1408009
Version: B14
Junction and Storage Temperature Range
- 65 to +200
Notes: These ratings are limiting values above which the serviceability of the diode may be impaired.
PARAMETER
VALUE
Power Dissipation
500
Forward Voltage
IF = 100 mA
1.5
Mini-MELF (LL34)
Hermetically Sealed Glass
MECHANICAL DATA
- Weight: 12 mg (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
BZV79C2V4 thru BZV79C75
Taiwan Semiconductor
Small Signal Product
Surface Mount Zener Voltage Regulator
FEATURES


Similar Part No. - BZV79C2V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV79C2V7 TSC-BZV79C2V7 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
BZV79C2V7 TSC-BZV79C2V7 Datasheet
152Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
More results

Similar Description - BZV79C2V7

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UDZS2V4B SECOS-UDZS2V4B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
logo
Taiwan Semiconductor Co...
BZV79C2V0 TSC-BZV79C2V0 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
BZV79C2V4 TSC-BZV79C2V4 Datasheet
152Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
logo
SeCoS Halbleitertechnol...
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECOS-BZX84CXXXW_15 Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com