Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55C12 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZV55C12
Description  5% Tolerance SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV55C12 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZV55C12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV55C12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV55C12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV55C12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZV55C12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
Min
Nom
Max
BZV55C2V4
2.28
2.4
2.56
5
85
1.0
600
50
1.0
BZV55C2V7
2.51
2.7
2.89
5
85
1.0
600
10
1.0
BZV55C3V0
2.8
3.0
3.2
5
85
1.0
600
4
1.0
BZV55C3V3
3.1
3.3
3.5
5
85
1.0
600
2
1.0
BZV55C3V6
3.4
3.6
3.8
5
85
1.0
600
2
1.0
BZV55C3V9
3.7
3.9
4.1
5
85
1.0
600
2
1.0
BZV55C4V3
4.0
4.3
4.6
5
75
1.0
600
1
1.0
BZV55C4V7
4.4
4.7
5.0
5
60
1.0
600
0.5
1.0
BZV55C5V1
4.8
5.1
5.4
5
35
1.0
550
0.1
1.0
BZV55C5V6
5.2
5.6
6.0
5
25
1.0
450
0.1
1.0
BZV55C6V2
5.8
6.2
6.6
5
10
1.0
200
0.1
2.0
BZV55C6V8
6.4
6.8
7.2
5
8
1.0
150
0.1
3.0
BZV55C7V5
7.0
7.5
7.9
5
7
1.0
50
0.1
5.0
BZV55C8V2
7.7
8.2
8.7
5
7
1.0
50
0.1
6.2
BZV55C9V1
8.5
9.1
9.6
5
10
1.0
50
0.1
6.8
BZV55C10
9.4
10
10.6
5
15
1.0
70
0.1
7.5
BZV55C11
10.4
11
11.6
5
20
1.0
70
0.1
8.2
BZV55C12
11.4
12
12.7
5
20
1.0
90
0.1
9.1
BZV55C13
12.4
13
14.1
5
26
1.0
110
0.1
10
BZV55C15
13.8
15
15.6
5
30
1.0
110
0.1
11
BZV55C16
15.3
16
17.1
5
40
1.0
170
0.1
12
BZV55C18
16.8
18
19.1
5
50
1.0
170
0.1
13
BZV55C20
18.8
20
21.1
5
55
1.0
220
0.1
15
BZV55C22
20.8
22
23.3
5
55
1.0
220
0.1
16
BZV55C24
22.8
24
25.6
5
80
1.0
220
0.1
18
BZV55C27
25.1
27
28.9
5
80
1.0
220
0.1
20
BZV55C30
28
30
32
5
80
1.0
220
0.1
22
BZV55C33
31
33
35
5
80
1.0
220
0.1
24
BZV55C36
34
36
38
5
80
1.0
220
0.1
27
BZV55C39
37
39
41
2.5
90
0.5
500
0.1
28
BZV55C43
40
43
46
2.5
90
0.5
600
0.1
32
BZV55C47
44
47
50
2.5
110
0.5
700
0.1
35
BZV55C51
48
51
54
2.5
125
0.5
700
0.1
38
BZV55C56
52
56
60
2.5
135
0.5
1,000
0.1
42
BZV55C62
58
62
66
2.5
150
0.5
1,000
0.1
47
BZV55C68
64
68
72
2.5
160
0.5
1,000
0.1
51
BZV55C75
70
75
80
2.5
170
0.5
1,000
0.1
56
Notes: 1. The zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nomial zener voltage of ±5%.
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an
rms value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1408008
Version: F14
IR @ VR(uA)
Max
BZV55C2V4 thru BZV55C75
Taiwan Semiconductor
Small Signal
Part Number
VZ @ IZT (Volt)
IZT
(mA)
VR
(V)
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max


Similar Part No. - BZV55C12

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C12 CDI-DIODE-BZV55C12 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Kingtronics Internation...
BZV55C12 KINGTRONICS-BZV55C12 Datasheet
432Kb / 3P
   BZV55C-SERIES SILICON PLANAR ZENER DIODES
logo
Central Semiconductor C...
BZV55C12 CENTRAL-BZV55C12 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Microsemi Corporation
BZV55C12 MICROSEMI-BZV55C12 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
EIC discrete Semiconduc...
BZV55C12 EIC-BZV55C12 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4_14 Datasheet
237Kb / 5P
   5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com