Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06-102 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZW06-102
Description  600W, 13V - 376V Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW06-102 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZW06-102 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW06-102 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW06-102 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW06-102 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZW06-102 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZW06-102 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CREAT BY ART
Document Number: DS_D1409028
Version: I15
BZW06 SERIES
Taiwan Semiconductor
10
100
1000
10000
1
10
100
1000
V(BR), BREAKDOWN VOLTAGE (V)
FIG. 6 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p
BZW06-13B
BZW06-58B
BZW06-171B
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FORWARD VOLTAGE(V)
FIG.7 TYPICAL FORWARD CHARACTERISTICS
UNDIRECTIONAL TYPE
25°C
150°C
0.1
1
10
100
1000
10000
0
25
50
75
100
125
150
TJ (oC)
FIG. 9 RELATIVE VARIATION OF LEAKAGE CURRENT
vs JUNCTION TEMPERATURE
VR=VRM
1
10
100
0.01
0.1
1
10
100
1000
T, PULSE DURATION (s)
FIG. 8 TYPICAL TRANSIENT THERMAL
CHARACTERISTICS


Similar Part No. - BZW06-102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-102 STMICROELECTRONICS-BZW06-102 Datasheet
172Kb / 6P
   TRANSIL
BZW06-102 STMICROELECTRONICS-BZW06-102 Datasheet
176Kb / 6P
   TRANSIL
logo
Diotec Semiconductor
BZW06-102 DIOTEC-BZW06-102 Datasheet
143Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
STMicroelectronics
BZW06-102 STMICROELECTRONICS-BZW06-102 Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
Semikron International
BZW06-102 SEMIKRON-BZW06-102 Datasheet
151Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - BZW06-102

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com