Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-25TTS08PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-25TTS08PBF
Description  Thyristor High Voltage, Phase Control SCR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-25TTS08PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-25TTS08PBF_15 Datasheet HTML 1Page - Vishay Siliconix VS-25TTS08PBF_15 Datasheet HTML 2Page - Vishay Siliconix VS-25TTS08PBF_15 Datasheet HTML 3Page - Vishay Siliconix VS-25TTS08PBF_15 Datasheet HTML 4Page - Vishay Siliconix VS-25TTS08PBF_15 Datasheet HTML 5Page - Vishay Siliconix VS-25TTS08PBF_15 Datasheet HTML 6Page - Vishay Siliconix VS-25TTS08PBF_15 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-25TTS..PbF Series, VS-25TTS..-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 26-Jul-13
4
Document Number: 94385
For technical questions within your region: diodes-tech@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Gate Characteristics
120
1
10
100
200
240
280
300
Number of Equal Amplitude Half Cycle
Current Pulses (N)
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge
VS-25TTS.. Series
260
220
140
160
180
150
100
0.01
0.1
1
200
250
300
350
Pulse Train Duration (s)
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
VS-25TTS.. Series
10
100
1
10
012345
1000
Instantaneous On-State Voltage (V)
25TTS.. Series
T
J = 25 °C
T
J = 125 °C
0.1
1
10
100
0.001
Instantaneous Gate Current (A)
0.01
0.1
1
10
100
(1) P
GM = 40 W, tp = 1 ms
(2) P
GM = 20 W, tp = 2 ms
(3) P
GM = 8 W, tp = 5 ms
(4) P
GM = 4 W, tp = 10 ms
(b)
(a)
Rectangular gate pulse
a) Recommended load line for
rated dI/dt: 10 V, 20
Ω
t
r = 0.5 µs, tp ≥ 6 µs
b) Recommended load line for
≤ 30 % rated dI/dt: 10 V, 65 Ω
t
r = 1 µs, tp ≥ 6 µs
V
GD
I
GD
Frequency limited by P
G(AV)
(1)
(2)
(3)
(4)
25TTS.. Series


Similar Part No. - VS-25TTS08PBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25TTS08PBF VISHAY-VS-25TTS08PBF Datasheet
874Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 18-Jun-13
More results

Similar Description - VS-25TTS08PBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40TTS12PBF VISHAY-VS-40TTS12PBF Datasheet
119Kb / 7P
   Thyristor High Voltage, Phase Control SCR
Revision: 26-Jul-13
VS-40TPS16PBF VISHAY-VS-40TPS16PBF_15 Datasheet
211Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3 Datasheet
170Kb / 8P
   Thyristor High Voltage, Phase Control SCR,
Revision: 26-Jul-13
VS-30TPS12LHM3 VISHAY-VS-30TPS12LHM3 Datasheet
157Kb / 6P
   Thyristor High Voltage, Phase Control SCR
Revision: 22-Feb-18
VS-70TPS12PBF VISHAY-VS-70TPS12PBF_15 Datasheet
160Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 15-Apr-14
VS-30TPS16LHM3 VISHAY-VS-30TPS16LHM3 Datasheet
148Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 22-Feb-18
VS-30TPS08PBF VISHAY-VS-30TPS08PBF Datasheet
216Kb / 10P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-10TTS08PBF VISHAY-VS-10TTS08PBF_15 Datasheet
133Kb / 7P
   Thyristor High Voltage, Phase Control SCR
Revision: 26-Jul-13
VS-30TPS16PBF VISHAY-VS-30TPS16PBF_15 Datasheet
213Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-40TPS16LHM3 VISHAY-VS-40TPS16LHM3 Datasheet
145Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 23-Feb-18
VS-50TPS12LHM3 VISHAY-VS-50TPS12LHM3 Datasheet
137Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 50 A
Revision: 23-Feb-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com