Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-30TPS08PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-30TPS08PBF
Description  Thyristor High Voltage, Phase Control SCR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30TPS08PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-30TPS08PBF Datasheet HTML 1Page - Vishay Siliconix VS-30TPS08PBF Datasheet HTML 2Page - Vishay Siliconix VS-30TPS08PBF Datasheet HTML 3Page - Vishay Siliconix VS-30TPS08PBF Datasheet HTML 4Page - Vishay Siliconix VS-30TPS08PBF Datasheet HTML 5Page - Vishay Siliconix VS-30TPS08PBF Datasheet HTML 6Page - Vishay Siliconix VS-30TPS08PBF Datasheet HTML 7Page - Vishay Siliconix VS-30TPS08PBF Datasheet HTML 8Page - Vishay Siliconix VS-30TPS08PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VS-30TPS..PbF Series, VS-30TPS..-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 06-Feb-14
2
Document Number: 94386
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
IT(AV)
TC = 95 °C, 180° conduction half sine wave
20
A
Maximum RMS on-state current
IRMS
30
Maximum peak, one-cycle
non-repetitive surge current
ITSM
10 ms sine pulse, rated VRRM applied
250
10 ms sine pulse, no voltage reapplied
300
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
310
A2s
10 ms sine pulse, no voltage reapplied
442
Maximum I2
t for fusing
I2
t
t = 0.1 to 10 ms, no voltage reapplied
4420
A2
s
Maximum on-state voltage drop
VTM
20 A, TJ = 25 °C
1.3
V
On-state slope resistance
rt
TJ = 125 °C
12
m
Threshold voltage
VT(TO)
1.0
V
Maximum reverse and direct leakage current
IRM/IDM
TJ = 25 °C
VR = Rated VRRM/VDRM
0.5
mA
TJ = 125 °C
10
Maximum holding current
IH
Anode supply = 6 V, resistive load, initial IT = 1 A, TJ = 25 °C
150
Maximum latching current
IL
Anode supply = 6 V, resistive load
, TJ = 25 °C
200
Maximum rate of rise of off-state voltage
dV/dt
TJ = TJ maximum, linear to 80 % VDRM, Rg-k = Open
500
V/µs
Maximum rate of rise of turned-on current
dI/dt
150
A/µs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
8.0
W
Maximum average gate power
PG(AV)
2.0
Maximum peak positive gate current
+ IGM
1.5
A
Maximum peak negative gate voltage
- VGM
10
V
Maximum required DC gate current to trigger
IGT
Anode supply = 6 V, resistive load, TJ = - 10 °C
60
mA
Anode supply = 6 V, resistive load, TJ = 25 °C
45
Anode supply = 6 V, resistive load, TJ = 125 °C
20
Maximum required DC gate
voltage to trigger
VGT
Anode supply = 6 V, resistive load, TJ = - 10 °C
2.5
V
Anode supply = 6 V, resistive load, TJ = 25 °C
2.0
Anode supply = 6 V, resistive load, TJ = 125 °C
1.0
Maximum DC gate voltage not to trigger
VGD
TJ = 125 °C, VDRM = Rated value
0.25
Maximum DC gate current not to trigger
IGD
2.0
mA
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Typical turn-on time
tgt
TJ = 25 °C
0.9
µs
Typical reverse recovery time
trr
TJ = 125 °C
4
Typical turn-off time
tq
110


Similar Part No. - VS-30TPS08PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30TPS08PbF VISHAY-VS-30TPS08PbF Datasheet
215Kb / 9P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 06-Feb-14
More results

Similar Description - VS-30TPS08PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40TTS12PBF VISHAY-VS-40TTS12PBF Datasheet
119Kb / 7P
   Thyristor High Voltage, Phase Control SCR
Revision: 26-Jul-13
VS-40TPS16PBF VISHAY-VS-40TPS16PBF_15 Datasheet
211Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3 Datasheet
170Kb / 8P
   Thyristor High Voltage, Phase Control SCR,
Revision: 26-Jul-13
VS-30TPS12LHM3 VISHAY-VS-30TPS12LHM3 Datasheet
157Kb / 6P
   Thyristor High Voltage, Phase Control SCR
Revision: 22-Feb-18
VS-70TPS12PBF VISHAY-VS-70TPS12PBF_15 Datasheet
160Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 15-Apr-14
VS-30TPS16LHM3 VISHAY-VS-30TPS16LHM3 Datasheet
148Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 22-Feb-18
VS-10TTS08PBF VISHAY-VS-10TTS08PBF_15 Datasheet
133Kb / 7P
   Thyristor High Voltage, Phase Control SCR
Revision: 26-Jul-13
VS-30TPS16PBF VISHAY-VS-30TPS16PBF_15 Datasheet
213Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-40TPS16LHM3 VISHAY-VS-40TPS16LHM3 Datasheet
145Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 23-Feb-18
VS-50TPS12LHM3 VISHAY-VS-50TPS12LHM3 Datasheet
137Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 50 A
Revision: 23-Feb-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com