Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-110RKI80 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-110RKI80
Description  Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-110RKI80 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-110RKI80 Datasheet HTML 1Page - Vishay Siliconix VS-110RKI80 Datasheet HTML 2Page - Vishay Siliconix VS-110RKI80 Datasheet HTML 3Page - Vishay Siliconix VS-110RKI80 Datasheet HTML 4Page - Vishay Siliconix VS-110RKI80 Datasheet HTML 5Page - Vishay Siliconix VS-110RKI80 Datasheet HTML 6Page - Vishay Siliconix VS-110RKI80 Datasheet HTML 7Page - Vishay Siliconix VS-110RKI80 Datasheet HTML 8Page - Vishay Siliconix VS-110RKI80 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VS-110RKI...PbF, VS-111RKI...PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 11-Mar-14
6
Document Number: 94379
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Gate Characteristics
ORDERING INFORMATION TABLE
0.1
1
10
100
0.001
94379_09
Instantaneous Gate Current (A)
0.01
0.1
1
10
1000
100
(1) P
GM = 12 W, tp = 5 ms
(2) P
GM = 30 W, tp = 2 ms
(3) P
GM = 60 W, tp = 1 ms
(4) P
GM = 200 W, tp = 300 μs
Rectangular gate pulse
(a) Recommended load line for
rated dI/dt: 20 V, 30
Ω,
t
r ≤ 0.5 μs, tp ≥ 6 μs
(b) Recommended load line for
≤ 30 % rated dI/dt: 15 V, 40
Ω,
t
r ≤ 1 μs, tp ≥ 6 μs
(b)
(a)
V
GD
I
GD
(1)
(2)
(3)
(4)
Frequency limited by P
G(AV)
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95003
Device code
5
6
1
3
2
4
11
VS-
0
RKI
120 PbF
-IT(AV) rated average output current (rounded/10)
3
-
Thyristor
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
5
6
-
None = Standard production
PbF = Lead (Pb)-free
2
-
0 = Eyelet terminals (gate and auxiliary cathode leads)
1 = Fast-on terminals (gate and auxiliary cathode leads)
1
-
Vishay Semiconductors product


Similar Part No. - VS-110RKI80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-110RKI VISHAY-VS-110RKI Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 24-Jan-18
VS-110RKI VISHAY-VS-110RKI Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
VS-110RKIPB VISHAY-VS-110RKIPB Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
VS-110RKIPBF VISHAY-VS-110RKIPBF Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 24-Jan-18
VS-110RKIPBF VISHAY-VS-110RKIPBF Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
More results

Similar Description - VS-110RKI80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com