Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C36 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZX55C36
Description  Hermatically Sealed Glass Zener
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55C36 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZX55C36 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55C36 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55C36 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX55C36 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Small Signal Product
PART NO.
Note 1: "xxx" defines voltage from 2.0V (BZX55C2V0) to 75V (BZX55C75)
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Max
Min
Max
A
0.34
0.60
0.013
0.024
B
2.90
5.08
0.114
0.200
C
25.40
38.10
1.000
1.500
D
1.30
2.28
0.051
0.090
Document Number: DS_S1410001
Version: C14
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
DIM.
Unit (mm)
Unit (inch)
PACKAGE OUTLINE DIMENSION
BZX55Cxxx
(Note1)
R0
GDO-35
10K / 14" Reel
A0
5K / Box (Ammo)
-xx
BZX55C2V0 thru BZX55C75
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX (Note 2)
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
G
G
Multiple manufacture
source
Halogen free
Define manufacture
source
Halogen free
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
R0
R0
L0
B0
BZX55C75
BZX55C75
G
Multiple manufacture
source
Halogen free
MARKING DIAGRAM
BZX
55C
XXX
BZX55C75-L0 R0G
BZX55C75-B0 R0G
BZX55C75 R0G
BZX55C75
R0


Similar Part No. - BZX55C36

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZX55C36 SUNMATE-BZX55C36 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
logo
Vishay Siliconix
BZX55C36 VISHAY-BZX55C36 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Chongqing Pingwei Enter...
BZX55C36 CHONGQING-BZX55C36 Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
BZX55C36 MCC-BZX55C36 Datasheet
207Kb / 4P
   500 mWatt Zener Diode 2.0V to 100 Volts
logo
Vishay Siliconix
BZX55C36 VISHAY-BZX55C36 Datasheet
122Kb / 8P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

Similar Description - BZX55C36

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
logo
SeCoS Halbleitertechnol...
BZV55C SECOS-BZV55C_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55B SECELECTRONICS-BZV55B Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
BZV55B SECOS-BZV55B_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55C SECELECTRONICS-BZV55C Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com