Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C16 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79C16
Description  5% Tolerance Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C16 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZX79C16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79C16 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79C16 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX79C16 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Small Signal Product
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1408013
Version: E14
RATINGS AND CHARACTERISTICS CURVES
BZX79C2V0 thru BZX79C75
Taiwan Semiconductor
1
10
100
1000
0
2040
6080
VZ - Reverse Voltage (V)
Fig. 2 Total Capacitance
f=1MHz
TA=25oC
VR=2V
VR=5V
VR=20V
VR=30V
0
50
100
150
200
250
300
02
46
8
10
VZ - Reverse Voltage (V)
Fig. 5 Reverse Current VS. Reverse Voltage
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VF - Forward Voltage (mV)
Fig. 4 Forward Current VS. Forward Voltage
0
100
200
300
400
500
600
0
40
80
120
160
200
Temperature (oC)
Fig. 1 Power Dissipation VS. Ambient Temperature
0
1
10
100
1000
1
10
100
VZ - Reverse Voltage (V)
Fig. 3 Differential Impedance VS. Zener Voltage
IZ=2mA
IZ=5mA
IZ=10mA
PD=500mW
TA=25oC
IZ=1mA
VR=0V
TA=25oC
0.01
0.1
1
10
100
15
25
35
45
55
65
75
85
VZ - Reverse Voltage (V)
Fig. 6 Reverse Current VS. Reverse Voltage
PD=500mW
TA=25oC
Valid provided leads at a distance of 0.8mm
from case are kept at ambient temperature


Similar Part No. - BZX79C16

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C16 FAIRCHILD-BZX79C16 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Taiwan Semiconductor Co...
BZX79C16 TSC-BZX79C16 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
logo
Fairchild Semiconductor
BZX79C16 FAIRCHILD-BZX79C16 Datasheet
47Kb / 5P
   Zeners
logo
Continental Device Indi...
BZX79C16 CDIL-BZX79C16 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C16 EIC-BZX79C16 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX79C16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
   1.0W ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com