Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06-102B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZW06-102B
Description  600W, 13V - 376V Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW06-102B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZW06-102B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW06-102B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW06-102B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW06-102B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZW06-102B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZW06-102B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(TA=25°C unless otherwise noted)
Document Number: DS_D1409028
Version: I15
BZW06 SERIES
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0
20
40
60
80
100
120
0
20
40
60
80
100 120 140 160 180 200
TA, AMBIENT TEMPERATURE (oC)
FIG.2 PULSE DERATING CURVE
1
10
100
1000
0
1
10
100
1000
Ipp, PEAK PULSE CURRENT(A)
FIG. 4 CLAMPING VOLTAGE CURVE
tp=20μs
tp=1ms
tp=10ms
BWZ06-376
BWZ06-188
BWZ06-58
BWZ06-33
BWZ06-19
BWZ06-10
BWZ06-5V8
0
20
40
60
80
100
120
140
0
0.511.522.533.5
4
t, TIME ms
FIG. 3 CLAMPING POWER PULSE WAVEFORM
td
Peak Value
IPPM
tr=10μs
Half Value-IPPM/2
10/1000μs, WAVEFORM
as DEFINED by R.E.A.
PULSE WIDTH(td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% OF IPPM
10
100
1000
10000
100000
0.001
0.01
0.1
1
10
100
tp, PULSE WIDTH, (ms)
FIG. 1 PEAK PULSE POWER RATING CURVE
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
10
100
1000
10000
1
10
100
1000
V(BR), BREAKDOWN VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p
BZW06-13
BZW06-58
BZW06-171


Similar Part No. - BZW06-102B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-102B STMICROELECTRONICS-BZW06-102B Datasheet
172Kb / 6P
   TRANSIL
logo
EIC discrete Semiconduc...
BZW06-102B EIC-BZW06-102B Datasheet
49Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Taiwan Semiconductor Co...
BZW06-102B TSC-BZW06-102B Datasheet
82Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Galaxy Semi-Conductor H...
BZW06-102B BILIN-BZW06-102B Datasheet
123Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW06-102B TAYCHIPST-BZW06-102B Datasheet
3Mb / 3P
   Voltage regulator dides
More results

Similar Description - BZW06-102B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com