Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLCW520M-5-5 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLCW520M-5-5
Description  green diode laser moduld
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLCW520M-5-5 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLCW520M-5-5 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLCW520M-5-5 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
RLCW520M-5-5
v 1.2 25.02.2015
Description
RLCW520M series of Diode Laser Modules has been designed with emphasis on superior beam
quality, and reliable operation. The modules body is made of black anodized aluminum, enclosing laser
diode, lens, and driving electronics. RLCW520M series features a fixed glass lens optic and a wide
operating temperature range. The incorporated 5 VDC driver circuit additional supports TTL
modulation up to 10 kHz.
Specifications
Parameter
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
510
520
530
nm
Optical Output Power
5
mW
Output Power Stability (-10 … +50°C)
±3
%
Laser Class
3R
Operating Voltage, DC
3.5
5.0
7.0
V
Operating Current
120
mA
Modulation, TTL
10
kHz
Control
APC
Standard Operating Distance
10-30
m
Focus
Fixed
Beam Character
Elliptical
Elliptic Proportion
1:1.2
Output Aperture
Ø3
mm
Divergence
0.8
mrad
Optic
Aspheric Glass Lens
Operating Temperature
-10
+60
°C
Storage Temperature
-30
+70
°C
Life Time
6000
hours
Material
black anodized aluminum
Electrical Connection
connector plug and wires
Dimension (Dia. x W)
Ø8 x 35
mm
Weight
15
g


Similar Part No. - RLCW520M-5-5

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLCW520C-5-5 ROITHNER-RLCW520C-5-5 Datasheet
355Kb / 2P
   green diode laser module
More results

Similar Description - RLCW520M-5-5

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDG4716 NICHIA-NDG4716 Datasheet
210Kb / 3P
   Green Laser Diode
NDG4216E NICHIA-NDG4216E Datasheet
386Kb / 3P
   Green Laser Diode
logo
Roithner LaserTechnik G...
RLT510-50MGS ROITHNER-RLT510-50MGS Datasheet
419Kb / 2P
   Green Laser Diode
RLT520-50MGS ROITHNER-RLT520-50MGS Datasheet
422Kb / 2P
   Green Laser Diode
LD-520-80SG ROITHNER-LD-520-80SG Datasheet
332Kb / 3P
   Green Laser Diode
logo
NICHIA CORPORATION
NDG4216-E NICHIA-NDG4216-E Datasheet
231Kb / 3P
   Green Laser Diode
logo
Roithner LaserTechnik G...
LD-520-50MG ROITHNER-LD-520-50MG Datasheet
436Kb / 3P
   Green Laser Diode
SPL520-10-4-PD ROITHNER-SPL520-10-4-PD Datasheet
279Kb / 2P
   Green Pigtailed Laser Diode
RLCW520C-5-5 ROITHNER-RLCW520C-5-5 Datasheet
355Kb / 2P
   green diode laser module
logo
NICHIA CORPORATION
NDE4116 NICHIA-NDE4116 Datasheet
182Kb / 3P
   Emerald Green Laser Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com