Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1267-ADJ5 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1267-ADJ5
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1267-ADJ5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1267-ADJ5 Datasheet HTML 7Page - Linear Technology LTC1267-ADJ5 Datasheet HTML 8Page - Linear Technology LTC1267-ADJ5 Datasheet HTML 9Page - Linear Technology LTC1267-ADJ5 Datasheet HTML 10Page - Linear Technology LTC1267-ADJ5 Datasheet HTML 11Page - Linear Technology LTC1267-ADJ5 Datasheet HTML 12Page - Linear Technology LTC1267-ADJ5 Datasheet HTML 13Page - Linear Technology LTC1267-ADJ5 Datasheet HTML 14Page - Linear Technology LTC1267-ADJ5 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1267
LTC1267-ADJ/LTC1267-ADJ5
APPLICATIO S I FOR ATIO
the voltage comparator. This causes Burst Mode opera-
tion to be activated when the LTC1267 would normally be
in continuous operation. The effect is most pronounced
with low values of RSENSE and can be improved by oper-
ating at higher frequencies with lower values of L. The
output remains in regulation at all times.
EXT VCC Pin Connection
The LTC1267 contains an internal PNP switch connected
between the EXT VCC and VCC pins. The switch closes and
supplies the VCC power whenever the EXT VCC pin is higher
in voltage than the 4.5V internal regulator. This allows the
MOSFET driver and control power to be derived from the
output during normal operation and from the internal
regulator when the output is out of regulation (start-up,
short circuit).
Significant efficiency gain can be realized by powering VCC
from the output, since the VIN current resulting from the
driver and control currents will be scaled by a factor of
Duty Cycle/Efficiency. For LTC1267, LTC1267-ADJ or
LTC1267-ADJ5 this simply means connecting the EXT
VCC pin directly to VOUT of the 5V regulator.
The following list summarizes the four possible connec-
tions for EXT VCC:
1. EXT VCC left open. This will cause VCC to be powered
only from the internal 4.5V regulator, resulting in re-
duced MOSFET gate drive levels and an efficiency
penalty of up to 10% at high input voltages.
2. EXT VCC connected directly to highest VOUT of the two
regulators. This is the normal connection for LTC1267/
LTC1267-ADJ/LTC1267-ADJ5 and provides the high-
est efficiency.
3. EXT VCC connected to an output-derived boost net-
work. For 3.3V and other low voltage regulators, effi-
ciency gains can still be realized by connecting EXT VCC
to an output-derived voltage which has been boosted to
greater than 4.5V. This can be done either with the
inductive boost winding shown in Figure 5a or the
capacitive charge pump shown in Figure 5b. The charge
pump has the advantage of simple magnetics and
generally provides the highest efficiency at the expense
of a slightly higher parts count.
+
VIN
VIN
CIN
L
1:1
RSENSE
1N4148
+
COUT
VOUT
3.3V
+
1
µF
P-CH
LTC1267 • F05A
N-CH
EXT VCC
PGATE 3
PDRIVE 3
LTC1267
NGATE 3
PGND3
Figure 5a. Inductive Boost Circuit for EXT VCC
+
VIN
VIN
CIN
RSENSE
L
+
COUT
VOUT
3.3V
BAT 85
VN2222LL
BAT 85
BAT 85
0.22
µF
1
µF
P-CH
LTC1267 • F05B
N-CH
EXT VCC
PGATE 3
PDRIVE 3
LTC1267
NGATE 3
PGND3
+
Figure 5b. Capacitive Charge Pump for EXT VCC
4. EXT VCC connected to an external supply. If an external
supply is available in the 5V to 10V range it may be used
to power EXT VCC providing it is compatible with the
MOSFET gate drive requirements. When driving stan-
dard threshold MOSFETs, the external supply must
always be present during operation to prevent MOSFET
failure due to insufficient gate drive.
Under the condition that EXT VCC is connected to VOUT1
which is greater than 5.5V, to power down the whole
regulator, both the pins MSHDN and SHDN1 have to be
pulled high. If SHDN1 is left floating or grounded the
EXT VCC may self-power from VOUT1, preventing com-
plete shutdown.
LTC1267 Adjustable Applications
When an output voltage other than 3.3V or 5V is required,
the LTC1267-ADJ and LTC1267-ADJ5 adjustable ver-
sions are used with an external resistive divider from VOUT
to the VFB1, 2 pins. This is shown in Figure 6. The regulated
voltage is determined by:
VOUT =
1.25V
)
)1+ R2
R1


Similar Part No. - LTC1267-ADJ5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1267-ADJ5 LINER-LTC1267-ADJ5 Datasheet
94Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ5 LINER-LTC1267-ADJ5 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ5 LINER-LTC1267-ADJ5_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1267-ADJ5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1267 LINER-LTC1267_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142L LINER-LTC1142L_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142 Datasheet
401Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HV LINER-LTC1142HV_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ5 LINER-LTC1267-ADJ5_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_00 Datasheet
249Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_02 Datasheet
94Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com