Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04-53B Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZW04-53B
Description  Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW04-53B Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZW04-53B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW04-53B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW04-53B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW04-53B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZW04-53B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZW04-53B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CREAT BY ART
Document Number: DS_D1406028
Version: H14
BZW04 SERIES
Taiwan Semiconductor
0.01
0.1
1
10
100
0
50
100 150 200 250 300 350 400 450 500
V(BR), BREAKDOWN VOLTAGE (V)
FIG. 6 TYPICAL REVERSE CHARACTERASTICS
MEASURED AT DEVICES
STAND-OFF
VOLTAGE, VWM
100
1000
10000
100000
1.0
10.0
100.0
V(BR), BREAKDOWN VOLTAGE (V)
FIG.7 TYPICAL JUNCTION CAPACITANCE
UNDIRECTIONAL
f=1.0MHz
Vsig=50mVp-p
MEASURE AT
ZERO BIAS
MEASURE AT
STAND-OFF
VOLTAGE, VWM


Similar Part No. - BZW04-53B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BZW04-53B BILIN-BZW04-53B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-53B VISHAY-BZW04-53B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Taychipst Elec...
BZW04-53B TAYCHIPST-BZW04-53B Datasheet
3Mb / 4P
   Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
BZW04-53B MDE-BZW04-53B Datasheet
200Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
BZW04-53B NJSEMI-BZW04-53B Datasheet
179Kb / 2P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - BZW04-53B

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com