Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD7566AG Datasheet(PDF) 8 Page - NEC

Part # UPD7566AG
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7566AG Datasheet(HTML) 8 Page - NEC

Back Button UPD7566AG Datasheet HTML 4Page - NEC UPD7566AG Datasheet HTML 5Page - NEC UPD7566AG Datasheet HTML 6Page - NEC UPD7566AG Datasheet HTML 7Page - NEC UPD7566AG Datasheet HTML 8Page - NEC UPD7566AG Datasheet HTML 9Page - NEC UPD7566AG Datasheet HTML 10Page - NEC UPD7566AG Datasheet HTML 11Page - NEC UPD7566AG Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
µPD7566A, 7566A(A)
8
1.4
NOTES ON USING THE P00/INT0, AND RESET PINS
In addition to the functions described in 1.1, 1.2, and 1.3, an exclusive function for setting the test mode, in which
the internal functions of the
µPD7566A are tested, is provided to the P00/INT0 and RESET pins.
If a voltage less than VSS is applied to either of these pins, the
µPD7566A is put into test mode. Therefore, even
when the
µPD7566A is in normal operation, if noise less than the VSS is input into any of these pins, the µPD7566A
will enter the test mode, and this will cause problems for normal operation.
As an example, if the wiring to the P00/INT0 pin or the RESET pin is long, stray noise may be picked up and the
above mentioned problem may occur.
Therefore, all wiring to these pins must be made short enough to not pick up stray noise. If noise cannot be
avoided, suppress the noise using a capacitor or diode as shown in the figure below.
• Connect a diode having a low VF across
• Connect a capacitor across P00/INT0 and RESET,
P00/INT0 and RESET, and VSS.
and VSS.
VDD
P00/INT0, RESET
VDD
VSS
Low VF
diode
VDD
P00/INT0, RESET
VDD
VSS


Similar Part No. - UPD7566AG

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7566AG NEC-UPD7566AG Datasheet
1Mb / 22P
   4-BIT, SINGLE-CHIP CMOS MICROCOMPUTERS WITH COMPARATOR
logo
Renesas Technology Corp
UPD7566AG RENESAS-UPD7566AG Datasheet
483Kb / 60P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD7566AG

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com