Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD7566AG Datasheet(PDF) 9 Page - NEC

Part # UPD7566AG
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7566AG Datasheet(HTML) 9 Page - NEC

Back Button UPD7566AG Datasheet HTML 5Page - NEC UPD7566AG Datasheet HTML 6Page - NEC UPD7566AG Datasheet HTML 7Page - NEC UPD7566AG Datasheet HTML 8Page - NEC UPD7566AG Datasheet HTML 9Page - NEC UPD7566AG Datasheet HTML 10Page - NEC UPD7566AG Datasheet HTML 11Page - NEC UPD7566AG Datasheet HTML 12Page - NEC UPD7566AG Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
µPD7566A, 7566A(A)
9
1.5
PIN I/O CIRCUITS
Schematic drawings of the I/O circuits for the microcomputer’s pins are shown below.
(1) Type O
(2) Type P
(3) Type R
Mask Option
VDD
P-ch
OUT
Mask option
data
output
disable
N-ch (medium-voltage, high current)
data
output
disable
VDD
P-ch
Mask option
IN/OUT
N-ch (medium-voltage, high-curren
Medium-voltage, input buffer


Similar Part No. - UPD7566AG

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7566AG NEC-UPD7566AG Datasheet
1Mb / 22P
   4-BIT, SINGLE-CHIP CMOS MICROCOMPUTERS WITH COMPARATOR
logo
Renesas Technology Corp
UPD7566AG RENESAS-UPD7566AG Datasheet
483Kb / 60P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD7566AG

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com