Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-P423 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-P423
Description  Power Modules, Passivated Assembled Circuit Elements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-P423 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-P423 Datasheet HTML 1Page - Vishay Siliconix VS-P423 Datasheet HTML 2Page - Vishay Siliconix VS-P423 Datasheet HTML 3Page - Vishay Siliconix VS-P423 Datasheet HTML 4Page - Vishay Siliconix VS-P423 Datasheet HTML 5Page - Vishay Siliconix VS-P423 Datasheet HTML 6Page - Vishay Siliconix VS-P423 Datasheet HTML 7Page - Vishay Siliconix VS-P423 Datasheet HTML 8Page - Vishay Siliconix VS-P423 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VS-P400 Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Mar-14
6
Document Number: 93755
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) To complete code refer to Voltage Ratings table, i.e.: For 600 V P40.W complete code is P402W
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT
CONFIGURATION
CODE
SCHEMATIC DIAGRAM
TERMINAL POSITIONS
Single phase, hybrid bridge
common cathode
0
Single phase, hybrid bridge
doubler connection
2
Single phase, all SCR bridge
3
CODING (1)
CIRCUIT DESCRIPTION
CIRCUIT
CONFIGURATION
CODE
BASIC
SERIES
WITH VOLTAGE
SUPPRESSION
WITH
FREEWHEELING
DIODE
WITH BOTH
VOLTAGE SUPPRESSION
AND FREEWHEELING
DIODE
Single phase, hybrid bridge
common cathode
0
P40.
P40.K
P40.W
P40.KW
Single phase, hybrid bridge
doubler connection
2
P42.
P42.K
--
Single phase, all SCR bridge
3
P43.
P43.K
--
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95335
G1
AC2
AC1
G2
(-)
(+)
AC1 G1-
AC2 G2+
G2
G1
AC1
AC2
(-)
(+)
AC1 G1-
AC2 G2+
G1
G3
AC2
AC1
(-)
(+)
G2
G4
AC2 G2-
AC1 G3
G1 G4
+


Similar Part No. - VS-P423

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-P423 VISHAY-VS-P423 Datasheet
141Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
Revision: 27-Mar-14
More results

Similar Description - VS-P423

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NP500 NELLSEMI-NP500 Datasheet
747Kb / 7P
   Power Modules Passivated Assembled Circuit Elements
logo
Vishay Siliconix
VS-P101 VISHAY-VS-P101 Datasheet
199Kb / 9P
   Power Modules, Passivated Assembled Circuit Elements
Revision: 27-Mar-14
VS-P400 VISHAY-VS-P400_V01 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2022
VS-P100 VISHAY-VS-P100_V02 Datasheet
191Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2023
VS-P400 VISHAY-VS-P400 Datasheet
141Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
Revision: 27-Mar-14
VS-P100 VISHAY-VS-P100 Datasheet
198Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
Revision: 27-Mar-14
VS-P100 VISHAY-VS-P100_V01 Datasheet
192Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2022
VS-P400 VISHAY-VS-P400_V02 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2023
logo
International Rectifier
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P400 IRF-P400 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com