Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1276 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1276
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1276 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1276 Datasheet HTML 7Page - Linear Technology LTC1276 Datasheet HTML 8Page - Linear Technology LTC1276 Datasheet HTML 9Page - Linear Technology LTC1276 Datasheet HTML 10Page - Linear Technology LTC1276 Datasheet HTML 11Page - Linear Technology LTC1276 Datasheet HTML 12Page - Linear Technology LTC1276 Datasheet HTML 13Page - Linear Technology LTC1276 Datasheet HTML 14Page - Linear Technology LTC1276 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1273
LTC1275/LTC1276
S
APPLICATI
I FOR ATIO
Effective Number of Bits
The Effective Number of Bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to the
S/(N + D) by the equation:
N = [S/(N + D) – 1.76]/6.02
where N is the Effective Number of Bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling
rate of 300kHz the LTC1273/LTC1275/LTC1276 maintain
very good ENOBs up to the Nyquist input frequency of
150kHz. Refer to Figure 3.
INPUT FREQUENCY (Hz)
10k
0
3
5
7
10
100k
2M
LTC1273/75/76 • F03
1
4
6
9
12
11
8
2
1M
62
56
74
68
50
fSAMPLE = 300kHz
Figure 3. Effective Bits and Signal to (Noise + Distortion)
vs Input Frequency
Total Harmonic Distortion
Total Harmonic Distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD is
expressed as:
THD = 20log
√V
2
2 + V32 + V42 ... + VN2
V1
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the
second through Nth harmonics. THD versus input fre-
quency is shown in Figure 4. The LTC1273/LTC1275/
LTC1276 have good distortion performance up to Nyquist
and beyond.
Figure 4. Distortion vs Input Frequency
INPUT FREQUENCY (Hz)
–80
–60
–40
–20
0
1k
100k
1M
10M
LTC1273/75/76 • F04
–100
10k
–90
–70
–50
–30
–10
fSAMPLE = 300kHz
THD
2nd HARMONIC
3rd HARMONIC
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused by
the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at sum and difference
frequencies of mfa
± nfb, where m and n = 0, 1, 2, 3, etc.
For example, the 2nd order IMD terms include (fa + fb) and
(fa – fb) while the 3rd order IMD terms include (2fa + fb),
(2fa – fb), (fa + 2fb), and (fa – 2fb). If the two input sine
waves are equal in magnitude, the value (in decibels) of the
2nd order IMD products can be expressed by the following
formula:
IMD (fa ± fb) = 20log
Amplitude at (fa ± fb)
Amplitude at fa


Similar Part No. - LTC1276

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1276 LINER-LTC1276 Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1276ACN LINER-LTC1276ACN Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1276ACSW LINER-LTC1276ACSW Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1276BCN LINER-LTC1276BCN Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1276BCSW LINER-LTC1276BCSW Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results

Similar Description - LTC1276

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1275 LINER-LTC1275_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1276 LINER-LTC1276_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
LTC1282 LINER-LTC1282_15 Datasheet
366Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com