Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-P105 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-P105
Description  Power Modules, Passivated Assembled Circuit Elements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-P105 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-P105 Datasheet HTML 1Page - Vishay Siliconix VS-P105 Datasheet HTML 2Page - Vishay Siliconix VS-P105 Datasheet HTML 3Page - Vishay Siliconix VS-P105 Datasheet HTML 4Page - Vishay Siliconix VS-P105 Datasheet HTML 5Page - Vishay Siliconix VS-P105 Datasheet HTML 6Page - Vishay Siliconix VS-P105 Datasheet HTML 7Page - Vishay Siliconix VS-P105 Datasheet HTML 8Page - Vishay Siliconix VS-P105 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VS-P100 Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Mar-14
3
Document Number: 93754
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) A mounting compound is recommended and the torque should be checked after a period of 3 hours to allow for the spread of the compound
Fig. 1 - Current Ratings Nomogram (1 Module Per Heatsink)
Fig. 2 - On-State Power Loss Characteristics
Fig. 3 - On-State Power Loss Characteristics
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
and storage temperature range
TJ, TStg
-40 to 125
°C
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
2.24
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.10
Mounting torque, base to heatsink (1)
4Nm
Approximate weight
58
g
2.0
oz.
Case style
PACE-PAK (D-19)
Total Output Current (A)
510
15
20
25
0
0
60
50
40
30
20
10
93754_01a
~
+
-
180°
(sine)
T
J = 125 °C
Maximum Allowable
Ambient Temperature (°C)
25
75
50
100
125
0
60
50
40
30
20
10
0
93754_01b
R
th
SA =
15
K/W
- Δ
R
2 K/W
3 K/W
7 K/W
10 K/W
5 K/W
Average On-State Current (A)
10
15
05
15
10
5
0
93754_02
180°
120°
90°
60°
30°
RMS limit
Ø
Conduction angle
T
J = 125 °C
Per junction
Average On-State Current (A)
20
010
15
5
20
10
15
5
0
93754_03
DC
180°
120°
90°
60°
30°
RMS limit
T
J = 125 °C
Per junction
Conduction period
Ø


Similar Part No. - VS-P105

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-P105 VISHAY-VS-P105 Datasheet
198Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
Revision: 27-Mar-14
logo
International Rectifier
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
More results

Similar Description - VS-P105

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NP500 NELLSEMI-NP500 Datasheet
747Kb / 7P
   Power Modules Passivated Assembled Circuit Elements
logo
Vishay Siliconix
VS-P401 VISHAY-VS-P401 Datasheet
143Kb / 9P
   Power Modules, Passivated Assembled Circuit Elements
Revision: 27-Mar-14
VS-P400 VISHAY-VS-P400_V01 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2022
VS-P100 VISHAY-VS-P100_V02 Datasheet
191Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2023
VS-P400 VISHAY-VS-P400 Datasheet
141Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
Revision: 27-Mar-14
VS-P100 VISHAY-VS-P100 Datasheet
198Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
Revision: 27-Mar-14
VS-P100 VISHAY-VS-P100_V01 Datasheet
192Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2022
VS-P400 VISHAY-VS-P400_V02 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2023
logo
International Rectifier
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P400 IRF-P400 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com